Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 58 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 58 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 54Page - OSRAM GmbH TMF8805 Datasheet HTML 55Page - OSRAM GmbH TMF8805 Datasheet HTML 56Page - OSRAM GmbH TMF8805 Datasheet HTML 57Page - OSRAM GmbH TMF8805 Datasheet HTML 58Page - OSRAM GmbH TMF8805 Datasheet HTML 59Page - OSRAM GmbH TMF8805 Datasheet HTML 60Page - OSRAM GmbH TMF8805 Datasheet HTML 61Page - OSRAM GmbH TMF8805 Datasheet HTML 62Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 74 page
background image
TMF8805
Register description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
58 / 74
/
6.7.5
HIGH_THRESHOLD_MSB register (Address 0x24)
Table 99: HIGH_THRESHOLD_MSB register
Addr: 0x24
HIGH_THRESHOLD_MSB
Field
Name
Rst
Type
Description
7:0
high_threhold_msb
0
RW
Interrupt suppression high_threshold MSB Byte
– see
persistence register
high_threshold = high_threshold_LSB + 256 *
high_threshold_MSB
6.8
Bootloader registers
– appid=0x80
Following registers are only available if appid=0x80 (Bootloader):
6.8.1
BL_CMD_STAT (Address 0x08)
Table 100: BL_CMD_STAT register
Addr: 0x08
BL_CMD_STAT
Field
Name
Rst
Type
Description
7:0
bl_cmd_stat
0
RW
Write: Bootloader Command
– see section Bootloader
commands
Read: Bootloader Status
– anything else than 0x00
means an error
6.8.2
BL_SIZE (Address 0x09)
Table 101: BL_DATA register
Addr: 0x09
BL_SIZE
Field
Name
Rst
Type
Description
6:0
bl_size
0
RW
Data size in bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com