Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 11Page - OSRAM GmbH TMF8805 Datasheet HTML 12Page - OSRAM GmbH TMF8805 Datasheet HTML 13Page - OSRAM GmbH TMF8805 Datasheet HTML 14Page - OSRAM GmbH TMF8805 Datasheet HTML 15Page - OSRAM GmbH TMF8805 Datasheet HTML 16Page - OSRAM GmbH TMF8805 Datasheet HTML 17Page - OSRAM GmbH TMF8805 Datasheet HTML 18Page - OSRAM GmbH TMF8805 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 74 page
background image
TMF8805
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
15 / 74
/
Table 7: Power consumption
Parameter
Condition
Min
Nom
Max
Units
Comment
I_VDD powerdown
Enable pin low I²C
off
0.02
0.26
1
µA
State: Powerdown
I_VDD standby CPU off, RAM
on OSC Off, pon=0
I²C wakeup only
85
µA
State: Standby
I_VDD wait CPU off, RAM on,
OSC on 5 MHz I²C on, timer
wakeup
140
µA
State: Wait
I_VDD ranging processing
CPU running at 80 MHz no
VCSEL,
No TDC
2.7
mA
State: Histogram
processing
I_VDD ranging active CPU
stopped
VCSEL_clk_div2=0 (default),
TDCs running
32.5
mA
State: Ranging active
I_VDD ranging active CPU
stopped
VCSEL_clk_div2=1, TDCs
running
25.2
mA
State: Ranging active
1 Hz, ranging
period = 1000 ms
0.23
mA
Firmware 3.0.19.0 or
higher,
80 k iterations,
cmd_data6 = 0x23
(algorithm setting for
command 0x02 or
0x03)
0.5 Hz, ranging
period = 2000 ms
0.17
mA
I_VDD ranging 30 Hz, 33 ms,
default settings
27
mA
Average power
consumption(1)
Peak VCSEL current
230
mA
Max VCSEL duty cycle
2
%
(1) Current is reduced to typ. 17.7 mA if iteration is set to 600 k instead of 900 k and output data rate is maintained at 30 Hz by
setting repetition_period = 33 [ms].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com