Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 70 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 70 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 66Page - OSRAM GmbH TMF8805 Datasheet HTML 67Page - OSRAM GmbH TMF8805 Datasheet HTML 68Page - OSRAM GmbH TMF8805 Datasheet HTML 69Page - OSRAM GmbH TMF8805 Datasheet HTML 70Page - OSRAM GmbH TMF8805 Datasheet HTML 71Page - OSRAM GmbH TMF8805 Datasheet HTML 72Page - OSRAM GmbH TMF8805 Datasheet HTML 73Page - OSRAM GmbH TMF8805 Datasheet HTML 74Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
TMF8805
Soldering & storage information
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
70 / 74
/
10
Soldering & storage information
10.1
Soldering information
The package has been tested and has demonstrated an ability to be reflow soldered to a PCB
substrate. The process, equipment, and materials used in these test are detailed below.
The solder reflow profile describes the expected maximum heat exposure of components
during the solder reflow process of product on a PCB. Temperature is measured on top of
component. The components should be limited to a maximum of three passes through this
solder reflow profile.
Figure 18: Solder reflow profile graph
Table 111: Solder reflow profile
Parameter
Reference
Device
Average temperature gradient in preheating
2.5 °C/s
Soak time
tsoak
2 to 3 minutes
Time above 217 °C (T1)
t1
Max 60 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com