Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 16 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 12Page - OSRAM GmbH TMF8805 Datasheet HTML 13Page - OSRAM GmbH TMF8805 Datasheet HTML 14Page - OSRAM GmbH TMF8805 Datasheet HTML 15Page - OSRAM GmbH TMF8805 Datasheet HTML 16Page - OSRAM GmbH TMF8805 Datasheet HTML 17Page - OSRAM GmbH TMF8805 Datasheet HTML 18Page - OSRAM GmbH TMF8805 Datasheet HTML 19Page - OSRAM GmbH TMF8805 Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 74 page
background image
TMF8805
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
16 / 74
/
5.5
Timing
5.5.1
Ranging acquisition timing
Table 8: Ranging acquisition timing
Parameter
Min
Nom
Max
Units
Comment
Ranging time default settings
33
ms
Varies with operational mode
Ranging init (including electrical
calibration)
8
ms
Only done on startup and if
temperature changed from last
calibration
Ranging period
209
ms
Programmable by the interface
1000 /
2000
ms
Additional modes added with
firmware 3.0.19.0 or higher(1)
(1) For firmware 3.0.19.0 or higher, set register repetition_period (cmd_data2 for command 0x02 or 0x03) to 0xfe for 1000 ms
ranging period and 0xff for 2000 ms ranging period.
Figure 9: Ranging timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com