Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 29 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 29 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 25Page - OSRAM GmbH TMF8805 Datasheet HTML 26Page - OSRAM GmbH TMF8805 Datasheet HTML 27Page - OSRAM GmbH TMF8805 Datasheet HTML 28Page - OSRAM GmbH TMF8805 Datasheet HTML 29Page - OSRAM GmbH TMF8805 Datasheet HTML 30Page - OSRAM GmbH TMF8805 Datasheet HTML 31Page - OSRAM GmbH TMF8805 Datasheet HTML 32Page - OSRAM GmbH TMF8805 Datasheet HTML 33Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 74 page
background image
TMF8805
Register description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
29 / 74
/
Addr: 0x10
COMMAND
Field
Name
Rst
Type
Description
2
VCSEL_clk_div2: If set, operates the VCSEL clock at
half frequency - see section 5.7 - and doubles the
ranging active time where the VCSEL is enabled. It is
recommended to use together with
spread_spectrum_mode=1.
3
Reserved; set to 0b.
4
algImmediateInterrupt
– When 1 target distance
measurement will immediately report to the host an
interrupt of the capturing caused by a GPIO event;
when 0, will only report to the host when target distance
measurement was finished
5
When 1 combine the capture of the short and long
distance histogram for maximum speed
6
Reserved; set to 0.
7
When 1 do not go to standby between measurements
(faster measurement times but higher current
consumption)
cmd_data5 = Bits for GPIO control
Bits
Definition
3:0
GPIO0 settings
0 - Input
1 - Input: Active low disables collection, immediately
abandoning
current measurement. Returning to high
restarts new measurement
2 - Input: Active high disables collection, immediately
abandoning current measurement. Returning to low
restarts new measurement
3 - Output: VCSEL pulse output
– see cmd_data4
4 - Output low (default after startup)
5 - Output high
6:15 - Reserved, do not use
7:4
GPIO1 settings
0 - Input
1 - Input: Active low disables collection, immediately
abandoning current measurement. Returning to high
restarts new measurement
2 - Input: Active high disables collection, immediately
abandoning current measurement. Returning to low
restarts new measurement
3 - Output: VCSEL pulse output
– see cmd_data4
4 - Output low (default after startup)
5 - Output high
6:15 - Reserved, do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com