Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 63 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 63 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 59Page - OSRAM GmbH TMF8805 Datasheet HTML 60Page - OSRAM GmbH TMF8805 Datasheet HTML 61Page - OSRAM GmbH TMF8805 Datasheet HTML 62Page - OSRAM GmbH TMF8805 Datasheet HTML 63Page - OSRAM GmbH TMF8805 Datasheet HTML 64Page - OSRAM GmbH TMF8805 Datasheet HTML 65Page - OSRAM GmbH TMF8805 Datasheet HTML 66Page - OSRAM GmbH TMF8805 Datasheet HTML 67Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 74 page
background image
TMF8805
Application information
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
63 / 74
/
7.2
Reference SPAD, TDC and histogram
There is an internal reference SPAD with associated TDC and histogram. This is used to
determine the start time of each pulse. The reference SPAD is processed during calibration.
The reference channel processing occurs internal to the device with no user interaction
required.
All histograms can be processed inside the TMF8805 and/or readout through the I²C interface.
As the readout is constrained by the I²C speed and the I²C bus utilization (TMF8805 can
support I²C speed up to 1 MHz), it is recommended to readout the histograms only for
debugging purposes.
Figure 11 shows a histogram obtained from TMF8805. The x-axis is scaled in bins, where the
nominal bin size is 100 ps per bin and each TDC has 256 bins. The y-axis is scaled in counts
represented by 16-bit values. The green line shows the reference histogram from TDC0 and its
peak marks the reference or zero distance. The other four lines (blue, cyan, red and violet) are
the histograms obtained from TDC1 to TDC4. A target at 20 cm is used to generate the peak
around bin 25.
Figure 11: Histogram
(1) The above histogram is used for general device information only. The actual histogram differ due to different bin size and
modes used.
7.3
Schematic
The TMF8805 needs only 3 small 0402 external capacitors for operation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com