Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 69 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 69 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 65Page - OSRAM GmbH TMF8805 Datasheet HTML 66Page - OSRAM GmbH TMF8805 Datasheet HTML 67Page - OSRAM GmbH TMF8805 Datasheet HTML 68Page - OSRAM GmbH TMF8805 Datasheet HTML 69Page - OSRAM GmbH TMF8805 Datasheet HTML 70Page - OSRAM GmbH TMF8805 Datasheet HTML 71Page - OSRAM GmbH TMF8805 Datasheet HTML 72Page - OSRAM GmbH TMF8805 Datasheet HTML 73Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 74 page
background image
TMF8805
Tape & reel information
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
69 / 74
/
9
Tape & reel information
Figure 17: Tape and reel drawing
(1) All linear dimensions are in millimeters. Dimension tolerance is ± 0.10 mm unless otherwise noted.
(2) The dimensions on this drawing are for illustrative purposes only. Dimensions of an actual carrier may vary slightly.
(3) Symbols on drawing A0, B0, and K0 are defined in ANSI EIA Standard 481-B 2001.
(4) There are two reel sizes available (see section Ordering information)
i) 7″ reels: Each reel is 7 inch in diameter and contains 500 parts.
ii) 13″ reels: Each reel is 13 inch in diameter and contains 5000 parts.
(5) ams OSRAM packaging tape and reel conform to the requirements of EIA Standard 481-B.
(6) In accordance with EIA standard, device pin 1 is located next to sprocket holes in the tape.
(7) This drawing is subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com