Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 13 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 9Page - OSRAM GmbH TMF8805 Datasheet HTML 10Page - OSRAM GmbH TMF8805 Datasheet HTML 11Page - OSRAM GmbH TMF8805 Datasheet HTML 12Page - OSRAM GmbH TMF8805 Datasheet HTML 13Page - OSRAM GmbH TMF8805 Datasheet HTML 14Page - OSRAM GmbH TMF8805 Datasheet HTML 15Page - OSRAM GmbH TMF8805 Datasheet HTML 16Page - OSRAM GmbH TMF8805 Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
TMF8805
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
13 / 74
/
5
Functional description
5.1
I²C protocol
The TMF8805 is controlled by an I²C bus, one interrupt pin and two GPIO pins.
The device uses I²C serial communication protocol for communication. The device supports
7-bit chip addressing and standard, fast mode and fast mode plus modes. Read and Write
transactions comply with the standard set by Philips (now NXP). For a complete description of
the I²C protocol, please review the NXP I²C design specification.
Internal to the device, an 8-bit buffer stores the register address location of the byte to read or
write. This buffer auto-increments upon each byte transfer and is retained between transaction
events (i.e. valid even after the master issues a STOP and the I²C bus is released). During
consecutive Read transactions, the future/repeated I²C Read transaction may omit the memory
address byte normally following the chip address byte; the buffer retains the last register
address +1.
A Write transaction consists of a START, CHIP-ADDRESSWRITE, REGISTER-
ADDRESSWRITE, DATA BYTE(S), and STOP. Following each byte (9TH clock pulse) the
slave places an ACKNOWLEDGE/NOT- ACKNOWLEDGE (ACK/NACK) on the bus. If NACK
is transmitted by the slave, the master may issue a STOP.
A Read transaction consists of a START, CHIP-ADDRESSWRITE, REGISTER-ADDRESS,
RESTART, CHIP-ADDRESSREAD, DATA BYTE(S), and STOP. Following all but the final byte
the master places an ACK on the bus (9TH clock pulse). Termination of the Read transaction
is indicated by a NACK being placed on the bus by the master, followed by STOP.
The default I²C address is 0x41. The address can be changed after power-up. Use the enable
pin to enable only one device at a time to provide unique device addresses.
5.2
System parameters
The on-chip microprocessor is a Cortex M0 µP.
Table 5: ARM M0 parameters
Parameter
Min
Nom
Max
Units
Comment
µP operating
Frequency
4.7
75 (= 4.7*16)
MHz
The CPU can operate with the RC oscillator
directly or with a 16x PLL; frequency tuning
adjusts the default frequency to 4.7 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com