Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 32 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 28Page - OSRAM GmbH TMF8805 Datasheet HTML 29Page - OSRAM GmbH TMF8805 Datasheet HTML 30Page - OSRAM GmbH TMF8805 Datasheet HTML 31Page - OSRAM GmbH TMF8805 Datasheet HTML 32Page - OSRAM GmbH TMF8805 Datasheet HTML 33Page - OSRAM GmbH TMF8805 Datasheet HTML 34Page - OSRAM GmbH TMF8805 Datasheet HTML 35Page - OSRAM GmbH TMF8805 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
TMF8805
Register description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
32 / 74
/
Addr: 0x10
COMMAND
Field
Name
Rst
Type
Description
1 - Input: Active low disables collection, immediately
abandoning current measurement. Returning to high
restarts new measurement
2 - Input: Active high disables collection, immediately
abandoning current measurement. Returning to low
restarts new measurement
3 - Output: VCSEL pulse output
4 - Output low
5 - Output high
6:15 - Reserved, do not use
0x30
Enable histogram readout; the internal state machine will stop
when a histogram (e.g. calibration) is available and wait for
readout by the host. If the selected histogram is readout, the
host shall continue the state machine by sending command
0x32.
cmd_data3 = Bitmask for the histograms to be readout:
Bits
Definition
0
Always set to ‘0’
1
Set to get electrical calibration histograms
2
Always set to ‘0’
3
Always set to ‘0’
4
Set to get short distance histograms
6:5
Always set to ‘00’
7
Set to get distance measurement histograms.
Bin 127 respectively bin 255 is used as scaling factor
for this type of histograms. The scaling factor is 0 for no
scaling, 1 for 2x, 2 for 4x and so on.
cmd_data2 = Set to 0x00
cmd_data1 = = Bitmask for pileup correct histograms readout:
Bits
Definition
0
Set to get pileup corrected distance measurement
histograms
1
Set to get pileup corrected sum histogram
2
Set bit 2 to get pileup corrected short distance
histogram
7:3
Always set to 0
cmd_data0 = Set to 0x00
Once above bitmask is set, the device is programmed to stop
when the histogram is available. Set command=0x04 0x03 to
actually perform the measurement.
0x32
After the host has readout the histogram, continue with internal
processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com