Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 19 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 15Page - OSRAM GmbH TMF8805 Datasheet HTML 16Page - OSRAM GmbH TMF8805 Datasheet HTML 17Page - OSRAM GmbH TMF8805 Datasheet HTML 18Page - OSRAM GmbH TMF8805 Datasheet HTML 19Page - OSRAM GmbH TMF8805 Datasheet HTML 20Page - OSRAM GmbH TMF8805 Datasheet HTML 21Page - OSRAM GmbH TMF8805 Datasheet HTML 22Page - OSRAM GmbH TMF8805 Datasheet HTML 23Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 74 page
background image
TMF8805
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
19 / 74
/
5.6.3
Algorithm performance parameters
The algorithm reports distance information of the closest object in 1 mm steps.
Using the timings described in 5.6.2 following performance is achieved:
Table 11: Object detection algorithm parameters
Parameter
Condition
Min
Nom
Max
Units
Reflectivity of
object at 940 nm
Perpendicular to TMF8805
18
90
%
Maximum
distance
detection, 1.5 m
x 1.5 m object
350 lux fluorescent on object, 18% grey or 90% white
card
2500(1)
mm
170 lux halogen light on object(2), 90% white card
2400(1)
mm
170 lux halogen light on object(2), 18% grey card
1900
mm
170 lux halogen light on object(2), 18% grey card,
smudge on glass(3)
1500
mm
830 lux halogen light on object(4), 18% grey card
1100
mm
Minimum
distance
detection, 18 %
grey card, 20 cm
x 26 cm
20
mm
Accuracy
Object distance
≥ 200 mm
±5
%
100 mm
≤ object distance <200 mm
±10
mm
20 mm
≤ object distance <100 mm
±15
mm
Transition short
to long distance
mode
200
mm
(1) To achieve the full distance, the oscillator need to be tuned to 4.7 MHz. Use ams OSRAM reference code to implement clock
frequency tuning.
Any target reported above 2500 mm should be considered as no object.
(2) 170 lux halogen light represents 1k lux sunlight equivalent; light on object only.
(3) Smudge on glass is defined by one layer of Scotch Magic Tape 810 (very diffuse).
(4) 830 lux halogen light represents 5 k lux sunlight equivalent; light on object only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com