Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 62 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 62 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 58Page - OSRAM GmbH TMF8805 Datasheet HTML 59Page - OSRAM GmbH TMF8805 Datasheet HTML 60Page - OSRAM GmbH TMF8805 Datasheet HTML 61Page - OSRAM GmbH TMF8805 Datasheet HTML 62Page - OSRAM GmbH TMF8805 Datasheet HTML 63Page - OSRAM GmbH TMF8805 Datasheet HTML 64Page - OSRAM GmbH TMF8805 Datasheet HTML 65Page - OSRAM GmbH TMF8805 Datasheet HTML 66Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 74 page
background image
TMF8805
Application information
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
62 / 74
/
7
Application information
7.1
SPAD options
7.1.1
Signal SPADs
Firmware can enable/disable SPADs in the array as needed.
Table 109: Signal SPADs
Min
Nom
Max
Comment
1x SPADS
72
10x Attenuated SPADs
16
100x Attenuated SPADs
16
Physically there are 4x32=128 signal SPADs, but SPADs with too high dark count rate are
disabled during production test. There are four TDCs (TDC1…TDC4) connected to the output
of the SPADs. Each of the TDCs is connected to an array of 32 SPADs (SPADs with too high
dark count rate are disabled). In distance mode the number of SPADs are reduced to typ. 40
SPADs to limit the FOV of the TMF8805.
7.1.2
Reference SPADs
Table 110: Reference SPADs
Min
Nom
Max
Comment
100x Attenuated SPADs
9
Due to the high light intensity form the VCSEL which is located very close to the reference
SPADs and has no optical barrier like the signal SPADs only highly attenuated SPADs are
used. Physically there are 12 reference SPADs, but SPADs with too high dark count rate are
disabled during production test. There is one TDC (TDC0) connected to the output of the
SPADs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com