Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 64 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 64 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 60Page - OSRAM GmbH TMF8805 Datasheet HTML 61Page - OSRAM GmbH TMF8805 Datasheet HTML 62Page - OSRAM GmbH TMF8805 Datasheet HTML 63Page - OSRAM GmbH TMF8805 Datasheet HTML 64Page - OSRAM GmbH TMF8805 Datasheet HTML 65Page - OSRAM GmbH TMF8805 Datasheet HTML 66Page - OSRAM GmbH TMF8805 Datasheet HTML 67Page - OSRAM GmbH TMF8805 Datasheet HTML 68Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 74 page
background image
TMF8805
Application information
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
64 / 74
/
Figure 12: TMF8805 application schematic
The SYNC signal connected to GPIO1 can be used to immediately interrupt the TMF8805
VCSEL operation if the high power illuminator is operating. It needs to be ensured that SYNC
does not exceed the VDD supply of TMF8805 as otherwise an internal protection diode will
start conducting. The VCSEL operation is controlled by setting cmd_data5 of command=0x02
or 0x03 according (see App0 registers). On SYNC assertion, the VCSEL is immediately
switched off (typically after 10 µs), on SYNC de-assertion the VCSEL operation is resumed
within >100 µs.
GPIO0 can be used as a general GPIO output signal.
The signals INT/SDA/SCL need an external pull-up resistor to the VIO supply (typically 1.8 V).
7.3.1
Operating several TMF8805 on a single I²C bus
Several TMF8805 devices can share a single I²C bus if there are dedicated enable (EN)
connections to each of these devices.
TMF8805
VCSEL
Optical
Filter
Reflective
Surface
Background
Light
Internal
Reflection
Optics
SPAD,
TDC and
Histogram
Driver
Control
Data
Process
EN
GPIO1
GPIO0
INT
SDA
SCL
VDDC
GNDC
VDDV
GNDV
VDD
GND
Host
VDD
0.1µF/6V3
VDD
2x
0.1µF/6V3
High
Power
Illuminator
VIO
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com