Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 37 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 33Page - OSRAM GmbH TMF8805 Datasheet HTML 34Page - OSRAM GmbH TMF8805 Datasheet HTML 35Page - OSRAM GmbH TMF8805 Datasheet HTML 36Page - OSRAM GmbH TMF8805 Datasheet HTML 37Page - OSRAM GmbH TMF8805 Datasheet HTML 38Page - OSRAM GmbH TMF8805 Datasheet HTML 39Page - OSRAM GmbH TMF8805 Datasheet HTML 40Page - OSRAM GmbH TMF8805 Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 74 page
background image
TMF8805
Register description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
37 / 74
/
Addr: 0x21
RESULT_INFO
Field
Name
Rst
Type
Description
2
Long distance capture interrupted, result is from short
distance algorithm only
3
Complete result (short and long distance algorithm)
When algImmediateInterrupt == 0
Will indicate the status of the measurement:
Reading
Meaning
0
Measurement was not interrupted
1
Reserved
2
Measurement was interrupted (delay) by GPIO interrupt
3
Reserved
5:0
reliability
0
RO
Reliability of object - valid range 0..63 where 63 is best
6.3.3
DISTANCE_PEAK_0 register (Address 0x22)
Table 39: DISTANCE_PEAK_0 register
Addr: 0x22
DISTANCE_PEAK_0
Field
Name
Rst
Type
Description
7:0
distance_peak[7:0]
0
RO
Distance to the peak in [mm] of the object, least significant byte
6.3.4
DISTANCE_PEAK_1 register (Address 0x23)
Table 40: DISTANCE_PEAK_1 register
Addr: 0x23
DISTANCE_PEAK_1
Field
Name
Rst
Type
Description
7:0
distance_peak[15:8]
0
RO
Distance to the peak in [mm] of the object, most significant byte
The sys clock registers is a running timer information
– this value is counting up (and wraps
around to 0 again) as long as the internal clock is running. As it is derived from the internal RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com