Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 43 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 43 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 39Page - OSRAM GmbH TMF8805 Datasheet HTML 40Page - OSRAM GmbH TMF8805 Datasheet HTML 41Page - OSRAM GmbH TMF8805 Datasheet HTML 42Page - OSRAM GmbH TMF8805 Datasheet HTML 43Page - OSRAM GmbH TMF8805 Datasheet HTML 44Page - OSRAM GmbH TMF8805 Datasheet HTML 45Page - OSRAM GmbH TMF8805 Datasheet HTML 46Page - OSRAM GmbH TMF8805 Datasheet HTML 47Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 74 page
background image
TMF8805
Register description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
43 / 74
/
6.3.20
REFERENCE_HITS_0 register (Address 0x33)
Table 56: REFERENCE_HITS_0 register
Addr: 0x33
REFERENCE_HITS_0
Field
Name
Rst
Type
Description
7:0
reference_hits[7:0]
0
RO
Sum of the reference SPADs hits during the distance
measurement; zero if no object is detected or distance
algorithm is not used
6.3.21
REFERENCE_HITS_1 register (Address 0x34)
Table 57: REFERENCE_HITS_1 register
Addr: 0x34
REFERENCE_HITS_1
Field
Name
Rst
Type
Description
7:0
reference_hits[15:8]
0
RO
Sum of the reference SPADs hits during the distance
measurement; zero if no object is detected or distance
algorithm is not used
6.3.22
REFERENCE_HITS_2 register (Address 0x35)
Table 58: REFERENCE_HITS_3 register
Addr: 0x35
REFERENCE_HITS_2
Field
Name
Rst
Type
Description
7:0
reference_hits[23:16]
0
RO
Sum of the reference SPADs hits during the distance
measurement; zero if no object is detected or distance
algorithm is not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com