Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 30 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 26Page - OSRAM GmbH TMF8805 Datasheet HTML 27Page - OSRAM GmbH TMF8805 Datasheet HTML 28Page - OSRAM GmbH TMF8805 Datasheet HTML 29Page - OSRAM GmbH TMF8805 Datasheet HTML 30Page - OSRAM GmbH TMF8805 Datasheet HTML 31Page - OSRAM GmbH TMF8805 Datasheet HTML 32Page - OSRAM GmbH TMF8805 Datasheet HTML 33Page - OSRAM GmbH TMF8805 Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
TMF8805
Register description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
30 / 74
/
Addr: 0x10
COMMAND
Field
Name
Rst
Type
Description
cmd_data4 = If cmd_data5 enables VCSEL pulse output for
GPIO0 and/or GPIO1, cmd_data4 sets its timings as follows:
Value
Meaning
0
No signal
1
GPIOx, rises 0 µs time before VCSEL pulse starts
2
GPIOx rises 100 µs before VCSEL pulse
3
GPIOx rises 200 µs before VCSEL pulse and so on
The falling edge of GPIOx happens at the same time the VCSEL
stops emitting light.
cmd_data3 = Object detection threshold and spread spectrum
mode
Bits
Definition
5:0
Object detection threshold
– use 0 as default value
6
spread_spectrum_mode: If set, avoids aliasing of
objects into measurement range. Use together with
VCSEL_clk_div2=1 otherwise maximum distance is
reduced and false objects at far distance can occur.
7
Set to ‘0’
cmd_data2 = repetition_period in mSec, use 0 for single
measurement; if the repetition period is set lower than the
ranging time for this mode, the TMF8805 runs at it maximum
possible speed (best effort approach).
cmd_data1 = Number of iterations, low byte; 1 LSB=1 k
cmd_data0 = Number of iterations, high byte; 1 LSB=1 k*256
Once a measurement is finished, the interrupt is asserted if it is
enabled by int1_enab. Additionally, the transaction ID tid is
updated
0x08
Write additional configuration for application
– only available for
firmware version 3.0.22 or higher
cmd_data4 = persistence 8-bit value for interrupt suppression
Value
Defnition
0
Any result (detect and no-detect) will trigger an interrupt
1-255
An interrupt will only be triggered if the detected
distance is >= low_threshold and
distance <= high_threshold and
the detection happened at least <persistence>
consecutive times
cmd_data3 = low_threshold 8-bit LSB value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com