Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 20 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 16Page - OSRAM GmbH TMF8805 Datasheet HTML 17Page - OSRAM GmbH TMF8805 Datasheet HTML 18Page - OSRAM GmbH TMF8805 Datasheet HTML 19Page - OSRAM GmbH TMF8805 Datasheet HTML 20Page - OSRAM GmbH TMF8805 Datasheet HTML 21Page - OSRAM GmbH TMF8805 Datasheet HTML 22Page - OSRAM GmbH TMF8805 Datasheet HTML 23Page - OSRAM GmbH TMF8805 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
TMF8805
Functional description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
20 / 74
/
5.7
VCSEL
Internal protection ensures no single point of failure will cause the VCSEL to violate the Class
1 Laser Safety.
Laser Safety
Class 1
VCSEL Pulse Rep Rate
26.6 ns (37.6 MHz)
If VCSEL_clk_div=1, the frequency is divided by two.
5.8
Typical optical characteristics
VCSEL Field of Illumination (FOI)
25º
Full width from 1% of maximum up to maximum
21º
Full width from 5% of maximum up to maximum
19º
1/e^2
TOF Sensor Field of View (FOV)
37º
FWHM
– for short distances
24º
FWHM
– for long distances
The SPAD FoV angular response uses the full TMF8805 SPADs for short distances. The
SPAD FoV is reduced when the TMF8805 operates in long distance since the SPAD array is
reduced. This helps to improve ambient light tolerance1.
Figure 10: FOI/FOV of TMF8805 (used 1/e^2 for FOI as example)
1 It depends on the size and reflectivity of the object if TMF8805 algorithm detects off-axis objects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com