Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF8805 Datasheet(PDF) 42 Page - OSRAM GmbH

Part # TMF8805
Description  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 Datasheet(HTML) 42 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 38Page - OSRAM GmbH TMF8805 Datasheet HTML 39Page - OSRAM GmbH TMF8805 Datasheet HTML 40Page - OSRAM GmbH TMF8805 Datasheet HTML 41Page - OSRAM GmbH TMF8805 Datasheet HTML 42Page - OSRAM GmbH TMF8805 Datasheet HTML 43Page - OSRAM GmbH TMF8805 Datasheet HTML 44Page - OSRAM GmbH TMF8805 Datasheet HTML 45Page - OSRAM GmbH TMF8805 Datasheet HTML 46Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 74 page
background image
TMF8805
Register description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
42 / 74
/
6.3.17
STATE_DATA_8_XTALK_MSB register (Address 0x30)
Table 53: STATE_DATA_8_XTALK_MSB register
Addr: 0x30
STATE_DATA_8_XTALK_MSB
Field
Name
Rst
Type
Description
7:0
xtalk_msb
0
RO
Crosstalk peak value MSB byte; only valid with minimal
ambient light and no target within 40 cm in field of view of the
TMF8805
6.3.18
STATE_DATA_9_XTALK_LSB register (Address 0x31)
Table 54: STATE_DATA_9_XTALK_LSB register
Addr: 0x31
STATE_DATA_9_XTALK_LSB
Field
Name
Rst
Type
Description
7:0
xtalk_lsb
0
RO
Crosstalk peak value LSB byte; only valid with minimal
ambient light and no target within 40 cm in field of view of the
TMF8805
6.3.19
STATE_DATA_10_TJ register (Address 0x32)
Table 55: STATE_DATA_10_TJ register
Addr: 0x32
STATE_DATA_10_TJ
Field
Name
Rst
Type
Description
7:0
temperature
0
RO
8-bit signed integer of the TMF8805 sensor DIE junction
temperature in º
Celsius (e.g. “25” means 25 ºC)
Reference hits and object hits are used for information purposes of the target object and are
only reported if a target is detected with the distance algorithm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com