Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 20 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 20 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 16Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 17Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 18Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 19Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 20Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 21Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 22Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 23Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
LAN8804
DS00003591G-page 20
© 2024 Microchip Technology Inc. and its subsidiaries
Device Mode
Configuration
Straps
MODE_SEL[4:0]
VIS
Configures the specific functional mode of all PHYs. The
MODE[4:0] configuration straps are sampled and latched at
power-up/reset and are defined in Section 3.3.1, "Device Mode
Select (MODE_SEL[4:0])".
PHY Broadcast
Mode
Configuration
Strap
ALLPHYAD
VIS
Configures the default support for PHY Broadcast access
using PHY Address 0. The
ALLPHYAD configuration strap is
sampled and latched at power-up/reset and are defined as fol-
lows:
0: Enable PHY Broadcast accesses by default
1: Disable PHY Broadcast accesses by default
Refer to Section 3.3.3, "All PHYs Address (ALLPHYAD)" for
additional information.
LED Mode
Configuration
Strap
LED_MODE
VIS
Configures the device’s LED behavior as Individual or Tri-
Color. All 8 LEDs are configured with identical behavior. The
LED_MODE configuration strap is sampled and latched at
power-up/reset and is defined as follows:
0: Tri-color-LED mode
1: Individual-LED mode
Refer to Section 3.3.4, "LED Mode Select (LED_MODE)" for
additional information.
TABLE 3-8:
POWER AND GROUND PINS
Name
Symbol
Buffer
Type
Description
+2.5/3.3V
Analog I/O Power
Supply
VDDAH
VDDAH_P[3:0]
VDDAH_SERDES
VDDAH_PLL_PTP
VDDAH_ABPVT
P
+2.5/3.3V analog I/O power supply
+2.5/3.3V
Analog Power
Supply
VDD33REF
P
+2.5/3.3V analog power supply
+1.1V Analog
Power Supply
VDDAL_ADC_A_P[3:0]
VDDAL_ADC_B_P[3:0]
VDDAL_ADC_C_P[3:0]
VDDAL_ADC_D_P[3:0]
VDDAL_PLL
VDDAL_SERDES
VDDTXL_SERDES
VDDAL_CK125
P
+1.1V analog power supply
+3.3/2.5/1.8V
Variable I/O
Power Supply
Input
VDDIO
VDDIO_1
P
+3.3/2.5/1.8V variable I/O digital power supply input
+1.1V Digital
Core Power
Supply Input
VDDCORE
P
+1.1V digital core power supply input
TABLE 3-7:
CONFIGURATION STRAP INPUT PINS (CONTINUED)
Name
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com