Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 86 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 86 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 82Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 83Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 84Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 85Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 86Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 87Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 88Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 89Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 90Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
LAN8804
DS00003591G-page 86
© 2024 Microchip Technology Inc. and its subsidiaries
Table 1-1
Added 10BASE-Te definition.
Table 1-2, Table 3-3,
Table 3-4, Table 6-8
• Updated LVDS buffer type to LVDS1 and
LVDS2
• CLK125_REF_INP/INM assigned LVDS1,
REF_PAD_CLK_P/M assigned LVDS2
• Updated buffer characteristics to include both
LVDS1 and LVDS2
Figure 3-1, Table 3-1
Updated the following port 2 and port 3 VDDAL
ADC naming conventions to match silicon revision
B0:
•
VDDAL_ADC_D_P2/P3 changed to
VDDAL_ADC_A_P2/P3
•
VDDAL_ADC_C_P2/P3 changed to
VDDAL_ADC_B_P2/P3
•
VDDAL_ADC_B_P2/P3 changed to
VDDAL_ADC_C_P2/P3
•
VDDAL_ADC_A_P2/P3 changed to
VDDAL_ADC_D_P2/P3
Figure 3-1
Updated Pin 1 orientation
Table 3-1
Changed
MDIO and MDC pin reset states to Z
Table 3-4
Updated
CK25OUT definition to include: “This out-
put clock is powered by
VDDAH.”
Table 3-5
• Added additional information to
MDIO descrip-
tion
• Removed pull-ups on
MDIO and MDC pins
• Updated
REF_CLK_SEL[1:0] definition for 01
to “RESERVED” and added note
Table 3-7
• Added note to
PHYAD[4:0] definition:
“
PHYAD[4:0] must not be greater than ‘h1C.”
Table 3-9
• Updated “01001” definition to RESERVED
• Added legend entry to indicate what ‘X’ means
• Changed ‘y’ to ‘X’
Section 4.1, Voltage Regula-
tor and Power Connections
Corrected electrolytic capacitor value to 220 µF
Figure 4-1
• Updated to separate
VDDAL_SERDES and
VDDTXL_SERDES into two separate ferrite
beads
• Added RC circuit to
VDDAH_PLL_PTP signal
Figure 4-2
Updated to include note on external termination
resistor.
Figure 4-3
• Corrected RJ-45 pins (+/-)
• Added note under figure “The device supports
integrated connector magnetics with ganged
center taps.”
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com