Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 38 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 38 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 34Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 35Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 36Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 37Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 38Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 39Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 40Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 41Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
LAN8804
DS00003591G-page 38
© 2024 Microchip Technology Inc. and its subsidiaries
5.9
IEEE 802.3-2018 Frame Preemption
IEEE Standard 802.3-2018 [1] specifies a method for interspersing express traffic by preempting the transmission of a
normal packet, transmitting the express packet and then resuming the normal packet. The receiver likewise reassem-
bles the fragmented normal packet.
The preemption and reassembly is performed using a newly defined mPacket format. This mPacket format starts with
the normal preamble but supplements the normal Start of Frame Delimiter (SFD = 0xD5) with newly defined Start
mPacket Delimiters (SMDs) of various values. Also added for certain mPackets is a fragment count octet.
If Frame Preemption is not in use, the SFD appears ahead of every Ethernet frame on the PHY port. If Frame Preemp-
tion is in use, one of several possible SMDs may appear in place of the SFD on the PHY ports. The SMD and SFD
characters are passed transparently across QSGMII (no PCH/MCH header).
Section 5.10, "Start of Frame Indication" defines SOF pulse generation support for the SMDs.
APPLICATION NOTE: Preemption is not supported at 10 Mbps.
5.10 Start of Frame Indication
The device supports the generation of an SOF pulse for the receive and transmit paths. Four SOF outputs are available,
each of which is configurable to be any of the eight available SOF pulses (TX SOF and RX SOF on each port). The SOF
pulse is generated when the Start of Frame Delimiter (SFD octet 0xD5 immediately following the preamble) is detected
by the PCS and can be output onto any enabled GPIO pin by setting the corresponding bits in the General Purpose IO
Data Select 1 register (GPIO_DATA_SEL1) or the General Purpose IO Data Select 2 register (GPIO_DATA_SEL2). The
SOF pulse is always active high. For details on SOF detection timing, refer to Section 6.6.8, "GPIO SOF Detection Tim-
ing".
The SOF pulse can also be configured to detect 802.3-2018 SMDs. When the SOF_preemption_enable bits in MMD2
register 75 are set to “10”, the SOF pulse is generated for any of the SMD values listed in 802.3-2018 except for the
continuation frame: SMD-V (0x07), SMD-R (0x19), SMD-E (0xD5) and SMD-S[0,1,2,3] (0xE6, 0x4C, 0x7F or 0xB3).
When the SOF_preemption_enable bits are set to ‘11’, the SOF pulse is also generated for the continuation SMD val-
ues: SMD-C[0,1,2,3] (0x61, 0x52, 0x9E or 0x2A).
5.11 Signal Quality Index
5.11.1
BACKGROUND
MLT-3 modulation is used for data transmission in 100BASE-TX and PAM5 modulation is used for data transmission in
1000BASE-T.
Logically, 100BASE-TX (MLT-3) and 1000BASE-T (PAM5) have signal values of {-1, 0, +1} and {-2, -1, 0, +1, +2},
respectively. These logic levels are mapped to slicer reference levels of {-128, 0, 128} for 100BASE-TX and {-128, -64,
0, 64, 128} for 1000BASE-T. The middle points (the compare thresholds) are {-64, 64} for 100BASE-TX and are {-96, -
32, 32, 96} for 1000BASE-T.
Ideally, each receive data sample would be the maximum distance from the compare thresholds, with error values of 0.
But because of noise and imperfection in real applications, the sampled data may be off from its ideal. The closer to the
compare threshold, the worse the signal quality.
The slicer error is a measurement of how far the processed data is off from its ideal location. The largest instantaneous
slicer error for 1000BASE-T is ±32. The largest instantaneous slicer error for 100BASE-TX is ±64.
A higher absolute slicer error means a degraded signal receiving condition.
Note:
The GPIO needs to be enabled and its direction set as an output via the General Purpose IO Enable reg-
ister (GPIO_EN) and the General Purpose IO Direction register (GPIO_DIR). The GPIO Buffer Type (GPI-
O_BUF) field in the General Purpose IO Buffer Type register (GPIO_BUF) also applies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com