Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 80 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 80 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 76Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 77Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 78Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 79Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 80Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 81Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 82Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 83Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 91 page
background image
LAN8804
DS00003591G-page 80
© 2024 Microchip Technology Inc. and its subsidiaries
6.7
Clock Circuit
The device can accept either a 25 MHz crystal (preferred) or a 25 MHz single-ended clock oscillator (± 50 ppm, max
jitter 100 ps rms) input. If the single-ended clock oscillator method is implemented,
XO must be left unconnected and
XI must be driven with a nominal 0-3.3V clock signal. The input clock duty cycle is 40% minimum, 50% typical and 60%
maximum.
It is recommended that a crystal utilizing matching parallel load capacitors be used for the crystal input/output signals
(
XI/XO). See Table 6-22 for the recommended crystal specifications.
Note 6-23
The maximum allowable values for Frequency Tolerance and Frequency Stability are application
dependent. Since any particular application must meet the IEEE ±50 ppm Total PPM Budget, the
combination of these two values must be approximately ±45 ppm (allowing for aging).
Note 6-24
Frequency Deviation Over Time is also referred to as Aging.
Note 6-25
The total deviation for the Transmitter Clock Frequency is specified by IEEE 802.3u as ±50 ppm.
Note 6-26
0oC ambient for commercial version, -40oC ambient for industrial version.
Note 6-27
+85oC ambient.
Note 6-28
This number includes the pad, the bond wire and the lead frame. PCB capacitance is not included
in this value. The
XO/XI pin and PCB capacitance values are required to accurately calculate the
value of the two external load capacitors. These two external load capacitors determine the accuracy
of the 25.000 MHz frequency.
TABLE 6-22: CRYSTAL SPECIFICATIONS
Parameter
Symbol
Min
Nom
Max
Units
Notes
Crystal Cut
AT, typ
—
Crystal Oscillation Mode
Fundamental Mode
Crystal Calibration Mode
Parallel Resonant Mode
Frequency
Ffund
—
25.000
—
MHz
Frequency Tolerance @ 25oC
Ftol
—
—
±50
ppm
Note 6-23
Frequency Stability Over Temp
Ftemp
—
—
±50
ppm
Note 6-23
Frequency Deviation Over Time
Fage
—
±3 to 5
—
ppm
Note 6-24
Total Allowable PPM Budget
—
—
±50
ppm
Note 6-25
Shunt Capacitance
CO
—
—
6
pF
—
Load Capacitance
CL
—
—
25
pF
Motional Inductance
LM
—
—
10
mH
Drive Level
PW
—
—
100
µW
Equivalent Series Resistance
R1
—
—
50
Ohm
Operating Temperature Range
—
Note 6-26
—
Note 6-27
oC
XI Pin Capacitance
—
-—
2 typ
—
pF
Note 6-28
XO Pin Capacitance
—
—
2 typ
—
pF
Note 6-28
Crystal Startup Time
tXSO
<2
ms
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com