Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 63 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 63 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 59Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 60Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 61Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 62Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 63Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 64Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 65Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 66Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 63
6.3.2
WORST-CASE FOUR PORT OPERATION
All worst-case measurements were taken at +5% power supply and +125C junction temperature.
TABLE 6-4:
WORST-CASE FOUR PORT (1.27V, 3.465V, 3.465V) POWER CONSUMPTION
Device Conditions
1.27V
Total (mA)
(Note 6-3)
3.465V
VDDAH
Total (mA)
(Note 6-4)
3.465V
VDDIO
Total (mA)
(Note 6-5)
Total Device
Power (mW)
4 ports + QSGMII, 1000BASE-T Master link-up,
no traffic
849.6
559.2
9.5
3050
4 ports + QSGMII, 1000BASE-T Slave link-up,
No traffic
850.6
559.1
9.5
3051
4 ports + QSGMII, 100BASE-TX link-up,
no traffic
325.9
271.4
13.2
1401
4 ports + QSGMII, 10BASE-T link-up,
no traffic
175.5
228
21.5
1088
4 ports + QSGMII, 10BASE-Te link-up,
no traffic
175.8
228.6
21.8
1091
4 ports + QSGMII, 1000BASE-T Master full-duplex,
100% utilization
872
557.4
5.5
3058
4 ports + QSGMII, 1000BASE-T Slave full-duplex,
100% utilization
878.5
557.4
5.3
3066
4 ports + QSGMII, 100BASE-TX full-duplex,
100% utilization
319.3
271.5
7.6
1373
4 ports + QSGMII, 10BASE-T full-duplex,
100% utilization
172.2
283.5
11.2
1240
4 ports + QSGMII, 10BASE-Te full-duplex,
100% utilization
172.4
284
11.2
1242
4 ports + QSGMII, 1000BASE-T Master,
EEE Sleep state
395.3
373.5
8.6
1827
4 ports + QSGMII, 1000BASE-T Slave,
EEE Sleep state
395.3
373.2
8.6
1825
4 ports + QSGMII, 100BASE-TX,
EEE Sleep state
234.5
256.3
13.2
1232
4 ports + QSGMII,
Energy Detect Power Down mode, QSGMII up
199.5
33.8
0.1
371
4 ports + QSGMII,
Software Power Down mode, QSGMII up
137.5
27.5
0.1
271
4 ports + QSGMII,
Software Power Down mode, QSGMII down
83.2
12.4
1.2
153
4 ports + QSGMII,
hardware reset
67.5
18.2
1.3
154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com