Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 64 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 64 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 60Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 61Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 62Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 63Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 64Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 65Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 66Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 67Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
LAN8804
DS00003591G-page 64
© 2024 Microchip Technology Inc. and its subsidiaries
TABLE 6-5:
WORST-CASE FOUR PORT (1.27V, 2.625V, 2.625V) POWER CONSUMPTION
Device Conditions
1.27V
Total (mA)
(Note 6-3)
2.625V
VDDAH
Total (mA)
(Note 6-4)
2.625V
VDDIO
Total (mA)
(Note 6-5)
Total Device
Power (mW)
4 ports + QSGMII, 1000BASE-T Master link-up,
No traffic
853
505.5
4.3
2422
4 ports + QSGMII, 1000BASE-T Slave link-up,
no traffic
858.4
505.9
4.3
2430
4 ports + QSGMII, 100BASE-TX link-up,
no traffic
333.7
245.3
6.3
1085
4 ports + QSGMII, 10BASE-T link-up,
no traffic
180.3
202.4
10.4
788
4 ports + QSGMII, 10BASE-Te link-up,
no traffic
180.6
202.5
10.5
789
4 ports + QSGMII, 1000BASE-T Master full-duplex,
100% utilization
878.4
504.9
2.3
2447
4 ports + QSGMII, 1000BASE-T Slave full-duplex,
100% utilization
879.2
504.1
2.2
2446
4 ports + QSGMII, 100BASE-TX full-duplex,
100% utilization
331.5
245.6
6.4
1083
4 ports + QSGMII, 10BASE-T full-duplex,
100% utilization
180.1
202.3
10.4
788
4 ports + QSGMII, 10BASE-Te full-duplex,
100% utilization
180.8
202.7
10.4
790
4 ports + QSGMII, 1000BASE-T Master,
EEE Sleep state
306.4
389.2
4.0
1422
4 ports + QSGMII, 1000BASE-T Slave,
EEE Sleep state
306.1
389.5
4.0
1422
4 ports + QSGMII, 100BASE-TX,
EEE Sleep state
218.3
273
6.0
1010
4 ports + QSGMII,
Energy Detect Power Down mode, QSGMII up
158.1
30.5
0.1
282
4 ports + QSGMII,
Software Power Down mode, QSGMII up
136.8
26.7
0.1
244
4 ports + QSGMII,
Software Power Down mode, QSGMII down
85.6
10
0.1
136
4 ports + QSGMII,
hardware reset
71.3
16.7
0.7
137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com