Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 87 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 87 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 83Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 84Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 85Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 86Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 87Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 88Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 89Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 90Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 91Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 87 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 87
Section 4.1.1, MOSFET
Selection
Added sentence to end of section: “A 300 µF
electrolytic capacitor between 1.1V and ground is
required for proper LDO operation.”
Table 5-6
Changed 5-bit MII Read and Write PHY register
addresses from “00AAA” to “AAAAA”
Table 5-10
Updated Enhanced Mode 12 descriptions
Section 5.9, IEEE 802.3-
2018 Frame Preemption,
Section 5.10, Start of Frame
Indication
Updated “802.3br-2016” references to “802.3-
2018/PTP”
Section 5.16, GPIOs
Corrected number of GPIOs from 23 to 24
Section 5.20.3, Resets
Updated descriptions to detail Gigabit PHY reset.
Clarified/added sub-bullets. Removed mention of
Analog Common VCO reset. Removed “Gigabit
PHY PCS (per port)” bullet
Section 6.1, Absolute Maxi-
mum Ratings*
Corrected
VDDAL_x, VDDTXL_SERDES,
VDDCORE supply voltage max to 1.21V
Section 6.3, Power Con-
sumption
• Added power consumption data
• Updated description to indicate worst-case
measurements taken at 125C junction tem-
perature
Table 6-13
Added notes under table
Table 6-21
Updated table values, removed TBDs
Product Identification Sys-
tem
• Removed “TBD” and changed it to “ZMX”
• Removed Tape & Reel information
DS00003591A (08-19-20)
All
Initial release
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com