Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 85 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 85 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 81Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 82Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 83Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 84Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 85Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 86Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 87Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 88Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 85
Table 3-1, "Pin Assign-
ments"
• Updated
GPIO9/TMS and GPIO10/TCK reset
states to “Z”.
Table 3-5, "Miscellaneous
Pins"
• Updated MDIO description with additional
details about high-speed MDIO operation.
Section 5.7, LinkMD Cable
Diagnostics
• Expanded section to include 3 new subsec-
tions.
Table 5-4, "1000M SQI Per-
formance" & Table 5-5,
"100M SQI Performance"
• Replaced SQI Value Correlation table with two
new tables (1000M and 100M speeds).
Section 5.14, MIIM (MDIO)
Interface
• Added note to end of section: “This device may
respond to Clause 45 accesses and so must
not be mixed with Clause 45 devices on the
same MDIO bus.”
Section 5.14.1, High-Speed
MDIO Operation
• Added new section.
Section 6.1, Absolute Maxi-
mum Ratings*
• Added HBM ESD rating.
Section 6.2, Operating Con-
ditions**
• Updated
VDDAL_x, VDDTXL_SERDES,
VDDCORE supply voltage operating range.
• Updated
VDDAH, VDDAH_x, VDD33REF,
VDDIO, VDDIO_1 supply voltage maximum
operating voltage to +5%.
Section 6.3, Power Con-
sumption
• Updated power consumption numbers.
Table 6-13, "LDO Controller"
• Updated “Output of P-channel MOSFET” to
1.1V min, 1.16V typical, 1.21V max.
Section 6.6.2, Power
Sequence Timing
• Updated Figure 6-2.
• In Table 6-15, replaced tsvsc row with new tscrd
row.
Table 6-16, "RESET_N Con-
figuration Strap Timing"
• Replaced tcss, tcsh, and todad “TBD” with 5 ns, 5
ns, and 3.5 us, respectively.
Section 6.6.5, MDC/MDIO
Timing
• Added additional sentence regarding high-
speed MDIO operation.
Table 6-22, "Crystal Specifi-
cations"
• Replaced Crystal Startup Time “TBD” with “<2
ms”.
DS00003591C (02-01-22)
General
Removed confidential marking.
DS00003591B (11-17-21)
General
Changed temperature range for commercial parts
to “0°C to 85°C” and for industrial parts to “-40°C
to 85°C”.
Cover
Updated Time Sensitive Networking bullet for
clarity: “Time Sensitive Networking (TSN) Frame
Preemption support per IEEE 802.3-2018 clause
99”.
TABLE A-1:
REVISION HISTORY (CONTINUED)
Revision
Section/Figure/Entry
Correction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com