Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 57 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 57 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 53Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 54Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 55Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 56Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 57Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 58Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 59Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 60Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 57
The device also provides a
RESET_N input pin. This pin must adhere to the timing requirements detailed in Section
6.6.2, "Power Sequence Timing" and Section 6.6.3, "Reset Pin Configuration Strap Timing". Release from reset is based
on the
RESET_N input pin transitioning from low to high.
5.20.4
POWER ON READY (POR) WITH OVER/UNDER VOLTAGE PROTECTION
POR monitors three voltages (Refer to Table 6-14 for the exact specification):
• +1.1V Analog Power Supply (on
VDDAL_x) set for ~0.8V (typical) - it is assumed that VDDCORE and VDDAL_x
are externally connected, therefore VDD is indirectly monitored.
• +2.5 / 3.3V Analog Power Supply (on
VDDAH_x) set for ~2.1V (typical)
• Variable I/O Power Supply (on
VDDIO) set for ~1.5V (typical)
The POR circuits have a “dead zone” between bottom range of valid operational voltage and where POR trips (e.g., -
15%/20%). The Over/Under Voltage Protection enables tightening this range to just under the bottom of the supply
range.
5.21 JTAG
An IEEE 1149.1 compliant TAP Controller supports boundary scan and various test modes.
The device includes an integrated JTAG boundary-scan test port for board-level testing. The interface consists of four
pins (
TDO, TDI, TCK and TMS) and includes a state machine, data register array and an instruction register. The JTAG
pins are described in Table 3-6. The JTAG interface conforms to the IEEE Standard 1149.1 - 2001 Standard Test Access
Port (TAP) and Boundary-Scan Architecture.
All input and output data is synchronous to the
TCK test clock input. TAP input signals TMS and TDI are clocked into
the test logic on the rising edge of
TCK, while the output signal TDO is clocked on the falling edge.
JTAG pins are multiplexed with the GPIO pins. The JTAG functionality is selected when the
TESTMODE pin is asserted.
The implemented JTAG instructions and their op codes are shown in Table 5-12. JTAG timing information is provided in
Section 6.6.6, "JTAG Timing".
TABLE 5-12: JTAG OP CODES
INSTRUCTION
OP CODE
CLAMP
4’b0000
EXTEST
4’b0001
(RESERVED)
4’b0010
(RESERVED)
4’b0011
INTEST
4’b0100
SAMPLE_PRELOAD
4’b0101
HIGHZ
4’b0110
HOST-IJTAG ACCESS
4’b0111
ID CODE
4’b1000
BYPASS
4’b1001 to 4’b1111
Note:
The JTAG device ID is 00341445h.
Note:
All digital I/O pins support IEEE 1149.1 operation. Analog pins do not support IEEE 1149.1 operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com