Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 69 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 69 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 65Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 66Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 67Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 68Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 69Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 70Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 71Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 72Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 69
Note 6-12
Measured at line side of transformer, line replaced by 100 (±1%) resistor.
Note 6-13
Offset from 16 ns pulse width at 50% of pulse peak.
Note 6-14
Peak to Peak, measured differentially.
Note 6-15
Measured with 100 resistive load.
Note 6-16
Measured differentially following the twisted-pair model with a 100 resistive load.
Note 6-17
5 MHz square wave.
TABLE 6-11: 100BASE-TX TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Peak Differential Output Voltage
ANSI X3.263 clause 9.1.2.2
VOUT
±0.95
—
±1.05
V
Note 6-12
Signal Amplitude Symmetry
ANSI X3.263 clause 9.1.4
VSS
—
—
2
%
Note 6-12
Signal Rise and Fall Time
ANSI X3.263 clause 9.1.6
TRF
3
—
5
ns
Note 6-12
Rise and Fall Symmetry
ANSI X3.263 clause 9.1.6
TRFS
0
—
0.5
ns
Note 6-12
Duty Cycle Distortion
ANSI X3.263 clause 9.1.8
DCD
—
—
±0.25
ns
Note 6-13
Overshoot and Undershoot
ANSI X3.263 clause 9.1.3
VOS
—
—
5
%
—
Output Jitter
ANSI X3.263 clause 9.1.9
—
—
0.7
1.4
ns
Note 6-14
Reference Voltage of
ISET
(using 6.04kΩ - 1% resistor)
VSET
—
0.61
—
V
—
TABLE 6-12: 10BASE-T/10BASE-Te TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Transmitter Peak Differential Output
Voltage
IEEE 802.3 clause 14.3.1.2.1
VOUT
10BASE-T
2.2
2.5
2.8
V
Note 6-15
VOUT
10BASE-Te
1.54
—
1.96
V
Note 6-15
Output Jitter
IEEE 802.3 clause 14.3.1.2.3
—
—
1.8
3.5
ns
Note 6-16
Signal Rise and Fall Time
TRF
—
25
—
ns
—
Receiver Differential Squelch Threshold
IEEE 802.3 clause 14.3.1.3.2
VDS
300
400
—
mV
Note 6-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com