Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 84 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 84 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 80Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 81Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 82Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 83Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 84Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 85Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 86Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 87Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 88Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 91 page
background image
LAN8804
DS00003591G-page 84
© 2024 Microchip Technology Inc. and its subsidiaries
APPENDIX A: DOCUMENT REVISION HISTORY
TABLE A-1:
REVISION HISTORY
Revision
Section/Figure/Entry
Correction
DS00003591G (06-21-24)
Table 3-5, "Miscellaneous
Pins"
• In description for General Purpose I/O,
inserted a table from Errata document regard-
ing buffer type configuration, replacing a now
obsolete note.
• Renamed “test_a1_a2_en” to “disable_m-
do_drv”
DS00003591F (04-13-23)
Product Identification Sys-
tem
• Added Silicon Revision
Table 5-12, "JTAG Op
Codes"
• Op Codes “EXTEST_PULSE” and
“EXTEST_TRAIN” removed from table and
marked as “RESERVED”.
Section 6.0, "Operational
Characteristics"
• Absolute Maximum Ratings Supply Voltage
(
VDDAL_x, VDDTXL_SERDES, VDDCORE)
changed from “-0.5V to +1.21V” to
“-0.5V to +1.27V”.
Section 6.2, "Operating Con-
ditions**"
• Operating Conditions Supply Voltage
(
VDDAL_x, VDDTXL_SERDES, VDDCORE)
changed from “+1.16V to +1.21V” to
“(-5%/+5%) +1.15V to +1.27V”.
Table 6-4, "Worst-Case Four
Port (1.27V, 3.465V, 3.465V)
Power Consumption",
Table 6-5, "Worst-Case Four
Port (1.27V, 2.625V, 2.625V)
Power Consumption",
Table 6-6, "Worst-Case Four
Port (1.27V, 2.625V, 1.89V)
Power Consumption"
• All Worst-Case power numbers updated.
DS00003591E (10-05-22)
Table 1-1, "General Terms",
Section 5.11.2, Non OPEN
Alliance Low Pass Filtered
Error
• Corrected errant SQI definitions
Figure 4-2 QSGMII MAC
Interface Connections
• Corrected
QSGMII_TXP/TXN and
QSGMII_RXN/RXP connections to MAC.
Section 5.11.2,
Section 5.11.3,
Section 5.11.4,
Section 5.11.5
• Corrected note to reference Extended Page 1.
Section 5.11.4
• Corrected reference to “sqi_squ_mode_en” in
second note
DS00003591D (07-06-22)
All
• Added notice of antiquated terminology state-
ment to second page
• Removed LDO references throughout docu-
ment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com