| Electronic Components Datasheet Search |
|
LAN8804/ZMXC1 Datasheet(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8804/ZMXC1 Datasheet(HTML) 13 Page - Microchip Technology |
|
13 / 91 page ![]() LAN8804 © 2024 Microchip Technology Inc. and its subsidiaries DS00003591G-page 13 3.2 Pin Descriptions This section contains descriptions of the various LAN8804 pins. The “ _N” symbol in the signal name indicates that the active, or asserted, state occurs when the signal is at a low voltage level. For example, RESET_N indicates that the reset signal is active low. When “ _N” is not present after the signal name, the signal is asserted when at the high voltage level. The pin buffer type definitions are detailed in Section 1.2, "Buffer Types". The pin function descriptions have been broken into functional groups as follows: • Ethernet Media Interface Pins • QSGMII Interface Pins • System Clock Pins • Miscellaneous Pins • JTAG Pins • Configuration Strap Input Pins • Power and Ground Pins TABLE 3-2: ETHERNET MEDIA INTERFACE PINS Name Symbol Buffer Type Description Ethernet Port 0 TX/RX Positive Channel A TX_RXP_A_0 AIO Port 0 Channel A positive signal of differential pair Ethernet Port 0 TX/RX Negative Channel A TX_RXN_A_0 AIO Port 0 Channel A negative signal of differential pair Ethernet Port 0 TX/RX Positive Channel B TX_RXP_B_0 AIO Port 0 Channel B positive signal of differential pair Ethernet Port 0 TX/RX Negative Channel B TX_RXN_B_0 AIO Port 0 Channel B negative signal of differential pair Ethernet Port 0 TX/RX Positive Channel C TX_RXP_C_0 AIO Port 0 Channel C positive signal of differential pair Ethernet Port 0 TX/RX Negative Channel C TX_RXN_C_0 AIO Port 0 Channel C negative signal of differential pair Ethernet Port 0 TX/RX Positive Channel D TX_RXP_D_0 AIO Port 0 Channel D positive signal of differential pair Ethernet Port 0 TX/RX Negative Channel D TX_RXN_D_0 AIO Port 0 Channel D negative signal of differential pair Ethernet Port 1 TX/RX Positive Channel A TX_RXP_A_1 AIO Port 1 Channel A positive signal of differential pair Ethernet Port 1 TX/RX Negative Channel A TX_RXN_A_1 AIO Port 1 Channel A negative signal of differential pair Ethernet Port 1 TX/RX Positive Channel B TX_RXP_B_1 AIO Port 1 Channel B positive signal of differential pair Ethernet Port 1 TX/RX Negative Channel B TX_RXN_B_1 AIO Port 1 Channel B negative signal of differential pair |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |