Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 68 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 68 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 64Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 65Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 66Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 67Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 68Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 69Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 70Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 71Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
LAN8804
DS00003591G-page 68
© 2024 Microchip Technology Inc. and its subsidiaries
Note 6-8
This specification applies to all inputs without pull-ups or pull-downs and three-stated bi-directional
pins.
Note 6-9
IEEE 802.3 clause 40.6.1.1.2 Test Mode 1
Note 6-10
From 1/2 of average VOP, Test Mode 1
Note 6-11
IEEE 802.3 clause 40.6.1.1.2 distortion processing
SRL Type Input Buffer
Low Input Level
High Input Level
Schmitt Falling Trip Point
Schmitt Rising Trip Point
Schmitt Trigger Hysteresis
(VIHT - VILT)
Input Leakage
(VIN = P_VSS or VDDIO)
Input Capacitance
VIL
VIH
VT-
VT+
VHYS
IIH
CIN
—
0.6x
VDDIO
0.76
0.85
60
-15
—
—
—
0.90
0.99
90
—
—
—
—
1.11
1.23
121
—
—
—
—
1.42
1.55
127
—
—
0.4x
VDDIO
—
1.64
1.76
150
15
3
V
V
V
V
mV
µA
pF
—
SRL Type Output Buffer
Low Output Level
High Output Level
Output Impedance
VOL
VOH
RO
—
VDDIO-0.4
—
—
—
50
—
—
50
—
—
50
0.4
—
—
V
V
Ω
IOL = -5 mA
IOH = 5 mA
—
TABLE 6-10: 1000BASE-T TRANSCEIVER CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Units
Notes
Peak Differential Output Voltage
IEEE 802.3 clause 40.6.1.2.1
VOP
670
—
820
mV
Note 6-9
Signal Amplitude Symmetry
IEEE 802.3 clause 40.6.1.2.1
VSS
—
—
1
%
Note 6-9
Signal Scaling
IEEE 802.3 clause 40.6.1.2.1
VSC
—
—
2
%
Note 6-10
Output Droop
IEEE 802.3 clause 40.6.1.2.2
VOD
73.1
—
—
%
Note 6-9
Transmission Distortion
IEEE 802.3 clause 40.6.1.2.4
—
—
—
10
mV
Note 6-11
TABLE 6-9:
VARIABLE I/O DC ELECTRICAL CHARACTERISTICS VDDIO = 3.3V/2.5V/1.8V
Parameter
Symbol
Min
Typ
1.8
Typ
2.5
Typ
3.3
Max
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com