Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 46 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 46 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 42Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 43Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 44Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 45Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 46Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 47Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 48Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 49Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
LAN8804
DS00003591G-page 46
© 2024 Microchip Technology Inc. and its subsidiaries
The RX QSGMII Extender uses the K28.1 symbol to locate Port 0, then swaps the K28.1 symbol back to the original
K28.5, before sending the four demultiplexed streams to their RX PCS1G blocks.
QSGMII loopbacks are discussed in Section 5.12.4, "QSGMII Loopback".
5.14 MIIM (MDIO) Interface
The device supports the IEEE 802.3 MII management interface, also known as the Management Data Input/Output
(MDIO) interface. This interface allows upper-layer devices to monitor and control the state of the device. An external
device with MIIM capability is used to read the PHY status and/or configure the PHY settings. More details about the
MIIM interface can be found in Clause 22.2.4 of the IEEE 802.3 Specification [1].
The MIIM interface consists of the following:
• A physical connection that incorporates the clock line (
MDC) and the data line (MDIO).
• A specific protocol that operates across the physical connection mentioned earlier, which allows an external con-
troller to communicate with one or more devices. Each device is assigned a unique PHY address between 0h and
1Fh by the
PHYAD[4:0] strapping pins. Refer to Section 3.3.3, "All PHYs Address (ALLPHYAD)" for additional
information.
• A 32-register address space for direct access to IEEE-defined registers and vendor-specific registers, and for indi-
rect access to MMD addresses and registers.
Table 5-6 shows the MII management frame format for the device.
5.14.1
HIGH-SPEED MDIO OPERATION
The MDIO bus can operate at standard speeds up to 2.5 MHz, as well as higher speeds up to 25 MHz. Default register
values enable standard MDIO operation using open-drain MDIO drivers, which is MDIO operation up to 2.5 MHz MDC
frequency with daisy-chained PHYs on the MDIO bus. Due to open-drain drivers, an external 1kΩ pull-up resistor is
required.
Higher speed MDIO operation up to 25 MHz is supportable but requires reconfiguring the device to use push-pull MDIO
drivers, and does not allow daisy-chaining PHYs on the MDIO bus. The reconfiguration process requires initially running
the MDIO bus at 2.5 MHz using open-drain MDIO drivers and the external 1kΩ pull-up resistor. The push-pull MDIO
drivers allow operation up to 25 MHz with the 1kΩ pull-up resistor.
Note:
PHY TX and RX directions are relative to the Ethernet Media Interfaces. QSGMII TX and RX directions are
relative to the QSGMII SerDes interface. So device frames received from the Ethernet Media Interfaces
are processed in RX GPHY and in TX QSGMII blocks.
Note:
If Energy Efficient Ethernet (EEE) is enabled, it is controlled using LPI symbols, which pass transparently
through QSGMII.
Note:
Coma mode has no effect on QSGMII functions.
TABLE 5-6:
MII MANAGEMENT FRAME FORMAT
Preamble Start of
Frame
Read/Write
OP Code
PHY
Address
Bits[4:0]
REG
Address
Bits[4:0]
TA
Data Bits[15:0]
Idle
Read
32 1’s
01
10
AAAAA
RRRRR
Z0 DDDDDDDD_DDDDDDDD
Z
Write
32 1’s
01
01
AAAAA
RRRRR
10
DDDDDDDD_DDDDDDDD
Z
Note:
This device may respond to Clause 45 accesses and so must not be mixed with Clause 45 devices on the
same MDIO bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com