| Electronic Components Datasheet Search |
|
LAN8804/ZMXC1 Datasheet(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8804/ZMXC1 Datasheet(HTML) 49 Page - Microchip Technology |
|
49 / 91 page ![]() LAN8804 © 2024 Microchip Technology Inc. and its subsidiaries DS00003591G-page 49 5.16.2 GPIO INTERRUPTS Each GPIO provides the ability to trigger a unique GPIO interrupt in the GPIO Interrupt Status Registers. Reading the GPIO Interrupt Status Registers provides the current status of all GPIO interrupts. Each interrupt is enabled by setting the corresponding bit in the GPIO Interrupt Enable Registers. The GPIO Controller aggregates the enabled interrupt values into an internal signal that is sent to the main interrupt logic and is reflected via the GPIO Interrupt bit in the Chip- level Interrupt Status register. GPIO16 SOF2 PHYAD4 — GPIO15 SOF0 PHYAD3 GPIO14 PORT3LED2 PHYAD2/ PORT3_LED2_POL To enable LED operation with either a pull-up or pull-down, LED Polarity takes on the inverted value of the configuration strap. Refer to Section 5.17, "LEDs" and Section 3.3.5, "LED Polarity (PORT[3:0]_LED[2:1]_POL)" for additional information. GPIO13 PORT3LED1 PHYAD1/ PORT3_LED1_POL GPIO12 PORT0LED2 PHYAD0/ PORT0_LED2_POL GPIO11 PORT0LED1 LED_MODE/ PORT0_LED1_POL GPIO10 — — — GPIO9 — GPIO8 — GPIO7 — GPIO6 — MODE_SEL4 GPIO5 — MODE_SEL3 GPIO4 — MODE_SEL2 GPIO3 — MODE_SEL1 GPIO2 — — GPIO1 — MODE_SEL0 GPIO0 — ALLPHYAD Note: The following must be considered when using GPIOs: • Configuring a pin as a GPIO input automatically enables an internal pull-up. • Internal pull-up resistors prevent unconnected inputs from floating. Do not rely on internal resistors to drive signals external to the device. When connected to a load that must be pulled high, an external resistor must be added. • Configuring a pin as a GPIO output automatically disables the internal pull-up. Open-drain outputs may require an external pull-up depending on the application. TABLE 5-7: GPIO ALTERNATE FUNCTIONS (CONTINUED) GPIO Alternate Function Configuration Strap Comments |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |