Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 73 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 73 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 69Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 70Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 71Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 72Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 73Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 74Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 75Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 76Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 73
6.6.2
POWER SEQUENCE TIMING
This diagram illustrates the device power sequencing requirements.
The recommended power-up sequence is to have the transceiver (
VDDAH, VDDAH_x) and digital I/O (VDDIO,
VDDIO_1) voltages power up before the 1.1V core (VDDCORE, VDDAL_x, VDDTXL_SERDES) voltage. If the 1.1V
core must power up first, the maximum lead time for the 1.1V core voltage with respect to the transceiver and digital
I/O voltages must be 200 μs.
There is no power sequence requirement between transceiver (
VDDAH, VDDAH_x) and digital I/O (VDDIO, VDDIO_1)
power rails.
The power-up waveforms must be monotonic for all supply voltages to the device.
RESET_N must be held asserted following stable voltages for the minimum period specified and if re-asserted, for the
minimum period specified.
The recommended power-down sequence is to have the 1.1V core voltage power-down before powering down the
transceiver and digital I/O voltages.
Before the next power-up cycle, all supply voltages to the device must reach less than 0.4V and there must be a mini-
mum wait time of 150 ms from power-off to power-on.
FIGURE 6-2:
POWER SEQUENCE TIMING INTERNAL REGULATORS
TABLE 6-15: POWER SEQUENCING TIMING VALUES
Symbol
Description
Min
Typ
Max
Units
tvr
Supply voltages rise time (must be monotonic)
—
—
200
µs
tsr
Stable supply voltages to de-assertion of reset
100
—
—
ms
trstia
RESET_N input assertion time
1
—
—
µs
tscrd
Stable external clock references to de-assertion of reset
10
—
—
ms
tpc
Supply voltages cycle off-to-on time
150
—
—
ms
VDDAL_x,
VDDTXL_SERDES,
VDDCORE
VDDAH, VDDAH_x,
VDDIO, VDDIO_1
tvr
RESET_N
trstia
External Clock Inputs
tscrd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com