Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 16 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 16 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 12Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 13Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 14Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 15Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 16Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 17Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 18Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 19Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
LAN8804
DS00003591G-page 16
© 2024 Microchip Technology Inc. and its subsidiaries
TABLE 3-4:
SYSTEM CLOCK PINS
Name
Symbol
Buffer
Type
Description
Crystal Input /
System
Reference Clock
Input
XI
ICLK
When using a 25 MHz crystal, this input is connected to one
lead of the crystal. Refer to
REF_CLK_SEL[1:0] for additional
information.
When using a 25 MHz system reference clock, this is the input
from the external 25 MHz oscillator.
Crystal Output
XO
OCLK
When using a 25 MHz crystal, this output is connected to one
lead of the crystal. Refer to
REF_CLK_SEL[1:0] for additional
information.
When using a 25 MHz system reference clock source, this pin
is not connected.
System
Reference Clock
Input Positive
CK125_REF_INP
LVDS1
Positive signal of differential pair. When using a 125 MHz sys-
tem reference clock source, this is connected to the external
125 MHz oscillator. Refer to
REF_CLK_SEL[1:0] for additional
information.
System
Reference Clock
Input Negative
CK125_REF_INM
LVDS1
Negative signal of differential pair. When using a 125 MHz sys-
tem reference clock source, this is connected to the external
125 MHz oscillator. Refer to
REF_CLK_SEL[1:0] for additional
information.
System Clock
Output
CK25OUT
OCLK
Buffered copy of internal 25 MHz reference clock. This output
clock is powered by
VDDAH.
TABLE 3-5:
MISCELLANEOUS PINS
Name
Symbol
Buffer
Type
Description
Management
Interface Data
MDIO
VIS/
VO12
VOD12
PHY Management data interface.
Note:
An external pull-up resistor to
VDDIO in the range of
1.0 kΩ to 4.7 kΩ is required (1.0 kΩ for high-speed
MDIO operation).
The buffer type (push-pull or open-drain/open-source)
depends on the setting of the MDIO Buffer Type bit in the Out-
put Control register, as well as the disable_mdo_drv bit in each
port’s direct register 17.
See Section 5.14.1, High-Speed MDIO Operation for addi-
tional details.
Management
Interface Clock
MDC
VIS
PHY Management clock input.
PHY Interrupt
INT_N
VO12/
VOD12
(PU)
Programmable interrupt output.
The buffer type (push-pull or open-drain) depends on the set-
ting of the INT Buffer Type bit in the Output Control register
and defaults to open-drain.
The polarity depends on the setting of the Intr Polarity Invert bit
in the Control register and defaults to active low.
Start of Frame
Ports 3-0
SOF[3:0]
SRL
RX and TX Start of Frame indicator. A pulse indicates Start of
Frame is detected on the selected transmit or receive port.
These pins can be configured via the GPIO SOF Select regis-
ter. This pin is shared with other functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com