Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 27 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 27 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 23Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 24Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 25Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 26Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 27Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 28Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 29Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 30Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 27
FIGURE 4-1:
POWER CONNECTIONS
VDDIO
AB PVT 
Monitor
Digital
I/O
VDDIO_1
VDDCORE
LDO
+1.8V,
+2.5V,
+3.3V
+2.5V,
+3.3V
+1.1V
When not using the internal LDO, +1.1V must be supplied 
by an external supply and the LDO pin is a No Connect
ISET
PLL
QSGMII 
Serdes
VDDAL_SERDES
(5 pins)
VDDTXL_SERDES
VDDAH_SERDES
(2 pins)
VDDAH_PLL_PTP
VDDAH_ABPVT
Common
Analog
VDDAH
VDD33REF
+2.5V,
+3.3V
GPHY Port 0
VDDAL_ADC_A/B/C/D_P0
(4 pins)
VDDAH_P0
GPHY Port 1
VDDAL_ADC_A/B/C/D_P1
(4 pins)
VDDAH_P1
GPHY Port 2
VDDAL_ADC_A/B/C/D_P2
(4 pins)
VDDAH_P2
GPHY Port 3
VDDAL_ADC_A/B/C/D_P3
(4 pins)
VDDAH_P3
RES_REF
VDDAL_PLL
VDDAL_CK125
VSS_CK125
P_VSS
(2 pins)
(2 pins)
(7 pins)
(ePad)
22uF
0.1uF
100Ω
VREG
2.5V
VREG_BYPASS:
pull to VSS w hen VDDAH=3.3V
pull to VDDIO when VDDAH =2.5V
VREG_BYPASS
220uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com