Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 22 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 22 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 18Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 19Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 20Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 21Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 22Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 23Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 24Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 25Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
LAN8804
DS00003591G-page 22
© 2024 Microchip Technology Inc. and its subsidiaries
3.3
Configuration Straps
Configuration straps allow various features of the device to be automatically configured to user defined values. Config-
uration straps are latched upon the release of pin reset (
RESET_N). Configuration straps do not include internal resis-
tors and require the use of external resistors.
APPLICATION NOTE: All straps must be pulled-up or pulled-down externally on the PCB to enable the desired
operational state.
3.3.1
DEVICE MODE SELECT (MODE_SEL[4:0])
The
MODE_SEL[4:0] configuration straps select the device mode as follows:
Note:
The system designer must ensure that configuration strap pins meet timing requirements. If configuration
strap pins are not at the correct voltage level prior to being latched, the device may capture incorrect strap
values.
Note:
When externally pulling configuration straps high, the strap must be tied to
VDDIO.
Note:
MODE_SEL[4:0] definitions are preliminary and subject to change.
Note:
1000BT Half Duplex is not advertised in any of the below device modes.
Note:
When no strap-based configured is wanted, it is recommended to set
MODE_SEL[4:0] to either 0x18
(single-port system) or 0x19 (multi-port system). Both values enable 1000FD 100FD/HD 10FD/HD with
EEE.
TABLE 3-9:
DEVICE MODE SELECTIONS (PRELIMINARY)
Test Modes
MODE_
SEL
[4:0]
Mode
00010 RESERVED
00011 RESERVED
00100 RESERVED
00101 RESERVED
00110 RESERVED
00111 RESERVED
Functional Modes
Power Down
01000 Software Power Down PLL Enabled
01001 RESERVED
Auto-Negotiation Disabled, Auto MDIX Disabled, EEE Disabled
01010 1000FD Master
01011 100FD
Legend:
1000FD = 1000BASE-T Full Duplex
100FD = 100BASE-TX Full Duplex
100HD = 100BASE-TX Half Duplex
10FD = 10BASE-T Full Duplex
10HD = 10BASE-T Half Duplex
“X” means “is advertised by auto-negotiation” (for example 10BT FD and 10BT HD are both available auto-negotiation
results when MODE_SEL = 10000).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com