Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 24 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 24 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 20Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 21Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 22Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 23Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 24Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 25Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 26Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 27Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
LAN8804
DS00003591G-page 24
© 2024 Microchip Technology Inc. and its subsidiaries
3.3.2
PHY ADDRESS (PHYAD[4:0])
The
PHYAD[4:0] configuration straps set the base value of the PHY’s management address. The addresses of each of
the 4 PHYs are the base value, as defined by
PHYAD[4:0], plus offsets of 0, 1, 2 and 3.
3.3.3
ALL PHYs ADDRESS (ALLPHYAD)
The
ALLPHYAD configuration strap sets the default of the All-PHYAD Enable bit in the Common Control register which
enables (pulled-down) or disables (pulled-up) the PHY’s ability to respond to PHY Address 0 as well as it’s assigned
PHY address.
3.3.4
LED MODE SELECT (LED_MODE)
The
LED_MODE configuration strap selects between Individual-LED (pulled-up) or Tri-color-LED (pulled-down)
modes. All 8 LEDs are configured with identical behavior. The
LED_MODE configuration strap is sampled and latched
at power-up/reset and is defined as follows:
0: Tri-color-LED mode
1: Individual-LED mode
LED operation is described in Section 5.17, "LEDs".
01110 RESERVED
01111 RESERVED
11110 RESERVED
Note:
This strap input is inverted compared to the register bit.
TABLE 3-9:
DEVICE MODE SELECTIONS (PRELIMINARY) (CONTINUED)
Legend:
1000FD = 1000BASE-T Full Duplex
100FD = 100BASE-TX Full Duplex
100HD = 100BASE-TX Half Duplex
10FD = 10BASE-T Full Duplex
10HD = 10BASE-T Half Duplex
“X” means “is advertised by auto-negotiation” (for example 10BT FD and 10BT HD are both available auto-negotiation
results when MODE_SEL = 10000).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com