Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 39 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 39 Page - Microchip Technology

Back Button LAN8804/ZMXC1 Datasheet HTML 35Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 36Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 37Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 38Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 39Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 40Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 41Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 42Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 39
5.11.2
NON OPEN ALLIANCE LOW PASS FILTERED ERROR
With this method, the slicer error is converted into an absolute value and then filtered by a programmable low pass filter.
This is similar to taking the average of absolute slicer error over a long moving time window.
This mode is enabled by setting the sqi_enable bit in the Dynamic Channel Quality (DCQ) Configuration register.
For each data sample, the difference between the absolute slicer error (scaled by x2 (before squaring) for
1000BASE-T) and the current filtered value is added back into the current filtered value. The sqi_squ_mode_en bit in
the DCQ Configuration register is used to square the (scaled) slicer error.
The sqi_kp field in the DCQ Configuration register sets the weighting of the add back as a divide by 2^sqi_kp, effectively
setting the filter bandwidth. As the sqi_kp value is increased, the weighing is decreased, and the mean slicer error value
takes a longer time to settle to a stable value. Also, as the sqi_kp value is increased, there will be less variation in the
mean slicer error value reported.
The filtered error value is saved every 1.0 ms (125,000 symbols).
In order to capture the current error value, the DCQ Read Capture bit in the DCQ Configuration register needs to be
written as a high with the desired cable pair specified in the DCQ Channel Number field of the same register. The DCQ
Read Capture bit immediately self-clears and the result is available in the Mean Slicer Error register.
A software based lookup table (derived empirically in lab conditions) may be used to report a Signal Quality Index (SQI)
number.
5.11.3
OPEN ALLIANCE TC1/TC12 DCQ MEAN SQUARE ERROR
This section defines the implementation of section 6.1.1 of the TC1 and TC12 specifications. The PHY can provide
detailed information of the dynamic signal quality by means of an MSE value. This mode is enabled by setting the
sqi_enable bit in the DCQ Configuration register.
With this method, the slicer error is converted into a squared value and then filtered by a programmable low pass filter.
This is similar to taking the average of absolute slicer error over a long moving time window.
For each data sample, the difference between the absolute slicer error (scaled by x2 (before squaring) for 1000BASE-
T) and the current filtered value is added back into the current filtered value.
The sqi_squ_mode_en bit in the DCQ Configuration register must be set to choose square mode.
The sqi_kp field in the DCQ Configuration register sets the weighting of the add back as a divide by 2^sqi_kp, effectively
setting the filter bandwidth. As the sqi_kp value is increased, the weighing is decreased, and the mean slicer error value
takes a longer time to settle to a stable value. Also, as the sqi_kp value is increased, there will be less variation in the
mean slicer error value reported.
The scale611 field in the DCQ Configuration register is used to set a divide by factor (divide by 2^scale611) such that the
Mean Squared Error (MSE) value is linearly scaled to the range of 0 to 511. If the divide by factor is too small, the MSE
value is capped at a maximum of 511.
The filtered error value is saved every 1.0 ms (125,000 symbols).
In order to capture the MSE value, the DCQ Read Capture bit in the DCQ Configuration register needs to be written as
a high with the desired cable pair specified in the DCQ Channel Number field of the same register. The DCQ Read Cap-
ture= bit will immediately self-clear and the result will be available in the DCQ Mean Square Error register.
In addition to the current MSE value the worst case MSE value since the last read of DCQ Mean Square Error register
is stored in DCQ Mean Square Error Worst Case register.
Note:
All registers references in this section are in Extended Page 1.
Note:
All registers references in this section are in Extended Page 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com