Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8804/ZMXC1 Datasheet(PDF) 3 Page - Microchip Technology

Part # LAN8804/ZMXC1
Description  4-Port Gigabit Ethernet Transceiver with QSGMII Support
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8804/ZMXC1 Datasheet(HTML) 3 Page - Microchip Technology

  LAN8804/ZMXC1 Datasheet HTML 1Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 2Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 3Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 4Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 5Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 6Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 7Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 8Page - Microchip Technology LAN8804/ZMXC1 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
LAN8804
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003591G-page 3
1.0
PREFACE
1.1
General Terms
TABLE 1-1:
GENERAL TERMS
Term
Description
1000BASE-T
1 Gbps Ethernet over twisted pair, IEEE 802.3 compliant
100BASE-TX
100 Mbps Ethernet over twisted pair, IEEE 802.3 compliant
10BASE-T
10 Mbps Ethernet over twisted pair, IEEE 802.3 compliant
10BASE-Te
Energy-efficient version of 10BASE-T, IEEE 802.3 compliant
ADC
Analog-to-Digital Converter
AFE
Analog Front End
AGC
Automatic Gain Control
AN
Auto-Negotiation
AWG
Additive White Gaussian
BER
Bit Error Rate
Byte
8 bits
DCQ
Dynamic Channel Quality
DSP
Digital Signal Processing
EDPD
Energy-Detect Power-Down
EEE
Energy Efficient Ethernet
EMI
Electromagnetic interference
FCS
Frame Check Sequence
FIFO
First In First Out buffer
FLF
Fast Link Failure
FLP
Fast Link Pulse
GMII
Gigabit Media Independent Interface
GPIO
General Purpose I/O
HBM
Human Body Model. Simulates ESD from humans.
ISI
Inter-symbol interference
JTP
Jitter Test Pattern
LDO
Linear Drop-Out regulator
LFSR
Linear Feedback Shift Register
LPI
Low Power Idle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com