Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 18Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 19Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 20Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 21Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 22Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 23Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 24Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 25Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LP1072 Advance Information, Rev. 0.3
22
Freescale Semiconductor
PRELIMINARY
Pinout and Footprint
6.2
Pad Descriptions
RF_SIF_2_DIN
pdo02cdg
Output
RF 3-wire serial interface. Driven by ARM.
G12
RF_SIF_1_CS_N
pdo02cdg
Output
RF 3-wire serial interface. Driven by ARM.
H14
RF_SIF_0_SCLK
pdo02cdg
Output
RF 3-wire serial interface. Driven by ARM.
G15
RF_LOCK_DETECT
pdidgz
Input
RF lock detect. Read by ARM.
G14
pdxoe4dg
32 kHz crystal pad (1 pad w/2 pad connections)
pdisdgz
Schmitt triggered input 5 Volt tolerant
pdidgz
5 Volt tolerant input pad
pdudgz
5 Volt tolerant input pad w/internal pullup
pdusdgz
Schmitt Trigger Input Pad, 5V-Tolerant w/pullup
pdddgz
Input Pad With Pulldown, 5-VT IO
pdo02cdg
CMOS 2 mA output
pdo04cdg
CMOS 4 mA output
pdb04dgz
CMOS 3 state output pad w/input (5 volt tolerant)
pdb02dgz
CMOS 3 state output pad w/input (5 volt tolerant)
pdu02sdgz
CMOS 3-State Output Pad with Schmitt Trigger Input and Pullup, 5V-Tolerant
pdd04dgz
CMOS 3-State Output Pad with Input and Pulldown, 5V-Tolerant
pdd04dgz
CMOS 3-State Output Pad with Input and Pulldown, 5V-Tolerant
pdd08dgz
CMOS 3-State Output Pad with Input and Pulldown, 5V-Tolerant
pdt04dgz
CMOS 3-State Output Pad, 5V-Tolerant
pdu02dgz
CMOS 3-State Output Pad with Input and Pullup, 5V-Tolerant
pduw02dgz
3-State Output Pad with Input and Enable Controlled Pull-Up, 5V-Tolerant
pdiana2p
Low Frequency Analog I/O for use with power cut diodes (Note: It is recommended to utilize the
secondary ESD protection circuit: ESND on these pads.
Table 9. Pin Description (continued)
Pad Name
Pad Type
Direction
Description
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com