Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 7Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 8Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 9Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 10Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 11Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 12Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 13Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 14Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LP1072 Interfaces
LP1072 Advance Information, Rev. 0.3
Freescale Semiconductor
11
PRELIMINARY
Combo Card (I/O mode only)
4.1.2
SDIO Function 0/1
For Function 0 registers descriptions, refer to SDIO Card Specification. For Function 1, the SDIO registers
occupy a 128 Kbyte space as defined in the SDIO specification. Figure 2 illustrates SDIO Function 1
128 Kbyte Memory Map and Table 8 details its registers.
Figure 2. SDIO Function 1 128 Kbyte Memory Map
Bit7
Bit0
Reserved
Watchdog Reset Register
SDIO Host to Device
Interrupt Register 0
Reserved
0x0000
0x000E
0x000F
0x0010
0x0011
0x0012
Reserved
Reserved
0x0013
0x0014
0x0015
ARM to Host Interrupt
Source register 0
ARM to Host Interrupt
Source register 1
Reserved
Reserved
0x0016
0x0017
0x0018
0x001C
ARM to Host Interrupt
Enable register 0
ARM to Host Interrupt
Enable register 1
SDIO Mailbox semaphore 0
SDIO Mailbox semaphore 1
0x001D
SDIO Mailbox semaphore 2
0x001E
Reserved
0x0020
0x1FFF
RAM1
RAM0
RAM2
2 KByte Mailbox
space
0x2000
0x27FF
Reserved
8Kbyte Internal Memory
0x2800
0x3FFF
0x4000
0x5FFF
0x200E
0x200F
0x23FF
0x2400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com