Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 14Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 15Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 16Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 17Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 18Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 19Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 20Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 21Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LP1072 Advance Information, Rev. 0.3
18
Freescale Semiconductor
PRELIMINARY
Pinout and Footprint
AVDD_PLL
pdiana2p
N/A
Analog 1.8 volt
C1
AVSS_PLL
pdiana2p
N/A
Analog ground
D1
TAVDDPOWER
pvdd3p
N/A
3.3 volt power for ESD Diodes
E3
DVDD_PLL
pdiana2p
N/A
1.8 volt digital power for PLL
E1
DVSS_PLL
pdiana2p
N/A
1.8 volt digital ground for PLL
E2
TXCO_BYPASS
pdidgz
Input
Bypass the TCXO and use the TCXO_BYPASS_CLK
C11
TXCO_BYPASS_CLK
pdidgz
Input
TCXO bypass clock
D11
XTAL_BYPASS
pdidgz
Input
Bypass XTAL osc and use XTAL_BYPASS_CLK
D15
XTAL_BYPASS_CLK
pdidgz
Input
XTAL bypass clock
D13
FAST_CLK_POWER
pdo02cdg
Output
Enable the TCXO
C10
XTAL_32K_XIN
pdxoe4dg
Analog
32kHz crystal (NOTE: Must be placed next to PVDD1DGZ.)
C15
XTAL_32K_XOUT
Analog
32kHz crystal
C14
RESET_N
pdisdgz
Input
Chip Reset
E13
CHIP_MODE0
pdidgz
Input
Chip Mode Select
0000 = SDIO normal operation
0001 = CF+ normal operation
All other modes are reserved
G2
CHIP_MODE1
pdidgz
Input
J1
CHIP_MODE2
pdidgz
Input
H3
CHIP_MODE3
pdidgz
Input
K1
JTAG
JTAG_RESET
pdudgz
Input
Tap reset
P8
JTAG_CLOCK
pdisdgz
Input
Tap clock
M8
JTAG_DI
pdudgz
Input
Tap data in
R10
JTAG_DO
pdo02cdg
Output
Tap data out
N10
JTAG_MODE
pdudgz
Input
Tap Mode
R11
ARM Sub-system Signals
ARM_GPIO0
pdb04dgz
Bi-dir
General Purpose I/O
R1
ARM_GPIO1
pdb04dgz
Bi-dir
General Purpose I/O
N3
ARM_GPIO2
pdb04dgz
Bi-dir
General Purpose I/O
R3
ARM_GPIO3
pdb04dgz
Bi-dir
General Purpose I/O
N4
ARM_GPIO4
pdb04dgz
Bi-dir
General Purpose I/O
P4
ARM_GPIO5
pdb04dgz
Bi-dir
General Purpose I/O
N5
ARM_GPIO6
pdb04dgz
Bi-dir
General Purpose I/O
P5
ARM_GPIO7
pdb04dgz
Bi-dir
General Purpose I/O
R5
ARM_UART_0_DI
pdb04dgz
Input
UART input data
N7
ARM_UART_0_DO
pdb04dgz
Output
UART output data
P6
ARM_EEPROM_DAT_GPIO
pdb04dgz
Bi-dir
General Purpose I/O dedicated for EEPROM
M7
Table 9. Pin Description (continued)
Pad Name
Pad Type
Direction
Description
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com