Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  LP1072 Datasheet HTML 1Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 2Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 3Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 4Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 5Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 6Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 7Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 8Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Functional Description
LP1072 Advance Information, Rev. 0.3
Freescale Semiconductor
5
PRELIMINARY
3.1.1
UART
The UART is used for testing and diagnostic purposes and is capable of supporting data transfer rates of
up to 115.2 kbps.
3.1.2
JTAG
TBA
3.1.3
Serial EEPROM Interface
The LP1072 supports an external serial EEPROM for storing the boot loader, MAC address, calibration
data and any other vendor-specific data. The LP1072 supports serial EEPROMs of sizes from 8 Kbit
(organized as 1024 entries of 8 bits each, or 1024 x 8) up to 512 Kbit (organized as 65,536 x 8). Serial
EEPROMs from the following vendors have been tested and verified to work with the LP1072:
•
ATMEL (http:/www.atmel.com)
•
ST Microelectronics (http://www.st.com)
•
Microchip Technology (http://www.microchip.com)
•
Catalyst Semiconductor (http://www.catsemi.com)
•
Integrated Silicon Solutions, Inc. (http://www.issi.com)
The EEPROM is supported through GPIOs. There is no dedicated hardware to support either I2C or SPI
serial EEPROMs.
The operating frequency of the serial EEPROM port is 400 kHz with a supply voltage of 3.0 V.
3.1.4
GPIO
To support vendor-specific needs, the LP1072 provides eight bi-directional General Purpose Input Output
(GPIO) pins. Each pin can be independently configured as an input, output or an interrupt source. On reset,
the GPIOs default as inputs, i.e. output drivers enables will be inactive.
3.1.5
RMB Registers
This block contains all the reset logic for both CPUs contained in the BRC and chip-wide reset control. It
also defines controls for memory address re-mapping.
3.1.6
Watchdog
TBA
3.1.7
Interrupt Controller
TBA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com