Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 13Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 14Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 15Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 16Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 17Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 18Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 19Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 20Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Pinout and Footprint
LP1072 Advance Information, Rev. 0.3
Freescale Semiconductor
17
PRELIMINARY
6
Pinout and Footprint
6.1
Pinout
S
Table 9. Pin Description
Pad Name
Pad Type
Direction
Description
Pin
Power and Ground Pads
VDD_IO
pvdd2dgz
N/A
3.3V I/O power pad (22 mA per pad max current)
K3
VDD_IO
pvdd2dgz
N/A
3.3V I/O power pad (22 mA per pad max current)
P3
VDD_IO
pvdd2dgz
N/A
3.3V I/O power pad (22 mA per pad max current)
M6
VDD_IO
pvdd2dgz
N/A
3.3V I/O power pad (22 mA per pad max current)
N11
VDD_IO
pvdd2dgz
N/A
3.3V I/O power pad (22 mA per pad max current)
R14
VDD_IO
pvdd2dgz
N/A
3.3V I/O power pad (22 mA per pad max current)
E12
VSS_IO
pvss2dgz
N/A
I/O ground pad (94mA max current)
K5
VSS_IO
pvss2dgz
N/A
I/O ground pad (94mA max current)
L5
VSS_IO
pvss2dgz
N/A
I/O ground pad (94mA max current)
L6
VSS_IO
pvss2dgz
N/A
I/O ground pad (94mA max current)
L8
VSS_IO
pvss2dgz
N/A
I/O ground pad (94mA max current)
M11
VSS_IO
pvss2dgz
N/A
I/O ground pad (94mA max current)
K11
VSS_IO
pvss2dgz
N/A
I/O ground pad (94mA max current)
G11
VSS_IO
pvss2dgz
N/A
I/O ground pad (94mA max current)
F11
VDD_CORE
pvdd1dgz
N/A
1.8V core power pad (31 mA per pad max current)
G1
VDD_CORE
pvdd1dgz
N/A
1.8V core power pad (31 mA per pad max current)
R8
VDD_CORE
pvdd1dgz
N/A
1.8V core power pad (31 mA per pad max current)
M10
VDD_CORE
pvdd1dgz
N/A
1.8V core power pad (31 mA per pad max current)
K15
VDD_CORE
pvdd1dgz
N/A
1.8V core power pad (31 mA per pad max current)
B15
VSS_CORE
pvss1dgz
N/A
Core ground pad (25mA per pad max current)
H5
VSS_CORE
pvss1dgz
N/A
Core ground pad (25mA per pad max current)
L7
VSS_CORE
pvss1dgz
N/A
Core ground pad (25mA per pad max current)
L9
VSS_CORE
pvss1dgz
N/A
Core ground pad (25mA per pad max current)
J11
VSS_CORE
pvss1dgz
N/A
Core ground pad (25mA per pad max current)
E11
VSS_CORE
pvss1dgz
N/A
Core ground pad (25mA per pad max current)
E9
Clocks and Resets and Mode
ARM_DBGEN
pdidgz
Input
ARM7TDMI Icebreaker debug enable pin
F3
EMBEDDED_RESET_N
pdisdgz
Input
Embedded board reset
F15
PLL_BYPASS
pdidgz
Input
Bypass the internal PLL and use PLL_BYPASS_CLK
D10
PLL_BYPASS_CLK
pdidgz
Input
PLL bypass clock input
A11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com