Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  LP1072 Datasheet HTML 1Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 2Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 3Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 4Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 5Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 6Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 7Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 8Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Specifications
LP1072 Advance Information, Rev. 0.3
Freescale Semiconductor
3
PRELIMINARY
JTAG Interface for testing and debugging
Hardware engines for WEP, TKIP and AES support for less processor load
Supports Direct Conversion (Zero-IF) radio architecture, saving RF components thus reducing
BOM cost and simplifying board layout
Generic RF interface that lets it work with virtually an WLAN RF components. Currently fully
tested with RF from Maxim and Airoha.
Total PHY flexibility in meeting customer requirements by providing software-controlled trade-off
between competing performance metrics
2
Specifications
Table 1. Specifications
Feature
Details
Network Standard Support
IEEE 802.11 a/b/g
Network Architectures
Infrastructure, AdHoc
Data Rates
802.11 a/g: 6, 9, 12, 18, 24, 36, 48, 54 Mbps
802.11b:1, 2, 5.5, 11 Mbps
Modulation Techniques
BPSK, QPSK, 16QAM, 64QAM, CCK, OFDM, DSSS
Security
40- and 128-bit WEP, TKIP, WPA, AES
Receiver Sensitivity
(Using Maxim RF)
802.11g 802.11b
6 Mbps:–91.0 dBm1Mbps:–97.1 dBm
9 Mbps: –89.7 dBm2 Mbps: –93.6 dBm
12 Mbps: –87.3 dBm5.5Mbps: –92.2 dBm
18 Mbps: –85.8 dBm11Mbps: –89.5 dBm
24 Mbps:–81.4 dBm
36 Mbps: –78.3 dBm
48 Mbps: –74.8 dBm
54Mbps: –73.0 dBm
Power Consumption
Receive:150 mW avg (@54Mbps)
Listen: 132 mW
Sleep:Less than1 mW
Supply Voltage
I/O: 3.3
± 0.3 Vdc
Core:1.8
± 5% Vdc
Operating Temperature
0 oC to +70 oC; < 95% humidity
Host Interfaces
SDIO; compliant with SDIO Card Specifications, Version 1.00
CompactFlash+; compliant with CF+ and Compact Flash Specs Rev 2.0
16-bit SRAM emulation mode
Other Interfaces
JTAG
8 GPIO pins
One UART
Serial EEPROM
Operating System Support
Microsoft Windows CE.net 3.0, 4.2
Microsoft Pocket PC 2002, 2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com