Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 24Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 25Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 26Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 27Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 28Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 29Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 30Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 31Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 32Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
LP1072 Advance Information, Rev. 0.3
30
Freescale Semiconductor
PRELIMINARY
Appendix: Comparison of LP1071 and LP1072
11 Appendix: Comparison of LP1071 and LP1072
Table 15. Comparison of LP1071 and LP1072
Item
LP1071
LP1072
Network Standard Support
IEEE 802.11 a/b/g
Network Architectures
Infrastructure, AdHoc
Data Rates
802.11 a/g: 6, 9, 12, 18, 24, 36, 48, 54 Mbps
802.11b:
1, 2, 5.5, 11 Mbps
Modulation Techniques
BPSK, QPSK, 16QAM, 64QAM, CCK, OFDM, DSSS
Security
40- and 128-bit WEP, TKIP, WPA, AES
Receiver Sensitivity1
1
Using Maxim RF
802.11g802.11b
6 Mbps:–91.0 dBm1 Mbps:–97.1 dBm
9 Mbps: –89.7 dBm2 Mbps:–93.6 dBm
12 Mbps: –87.3 dBm5.5Mbps:–92.2 dBm
18 Mbps: –85.8 dBm11Mbps:–89.5 dBm
24 Mbps: –81.4 dBm
36 Mbps: –78.3 dBm
48 Mbps: –74.8 dBm
54Mbps: –73.0 dBm
Power Consumption
Receive:150 mW avg (@54Mbps)
Listen:132 mW
Sleep:Less than 1 mW
Supply Voltage
I/O: 3.0 – 3.6 Vdc
Core:1.8 ± 5% Vdc
Operating Temperature
0 oC to +70 oC; < 95% humidity
Host Interface
SDIO
SDIO
CompactFlash Plus (CF+)
16-bit SRAM emulation mode
Other Interfaces
JTAG, 8 GPIOs, 1 UART, Serial / EEPROM
Operating System Support
Microsoft Windows CE.net 3.0 and 4.2
Microsoft Pocket PC 2002, 2003
Package
144-pin VFBGA, 9 x 9 x 1.0 mm
200-pin VFBGA, 13 x 13 x 1.0 mm
Semiconductor Technology
0.18 micron
RF Support
Airoha, Maxim
Reference Designs
SDIO
CF+
Certification
Wi-Fi (incl. WPA), WHQL, FCC Part 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com