Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 6Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 7Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 8Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 9Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 10Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 11Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 12Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 13Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LP1072 Advance Information, Rev. 0.3
10
Freescale Semiconductor
PRELIMINARY
LP1072 Interfaces
3.4.5
Aux DAC
AUX DAC specifications are shown in Table 7.
4
LP1072 Interfaces
4.1
SDIO Host Interface
The LP1072 supports SDIO Card Specifications, Version 1.00 (http//www.sdcard.org). The LP1072 SDIO
host interface supports the I/O mode of the SD Card Specifications.
4.1.1
SDIO Supported Features
The features supported by the LP1072 SDIO host interface are:
•
SD 1-Bit Mode
•
SD 4-Bit Mode
•
Low Speed
•
Full Speed (25 MHz)
•
Interrupt
•
CMD52 during Data Transfer
•
CMD53 Multi Block Transfer
•
Interrupt during 4-bit Multiple Block Data Transfer
Table 7. Aux DAC Specifications
Parameter
Condition
Min
Typ
Max
Units
Resolution
—
—
8
—
bit
Maximum Update rate
—
20
—
—
MHz
Output voltage for full scale input1
1 Due to saturation of the output buffer, INL and DNL are not applicable for output voltages below 200 mV. Output is monotonic
above 0.1 V.
—
0.1
—
2.4
V
Load
—
5—
—
kOhm
——
—
10
pF
Propagation delay (tpd)
—
—
5—
ns
Settling time (ts)
—
—
80
—
ns
Integral Nonlinearity (INL)
—
—
±1.0
—
LSB
Differential Nonlinearity (DNL)
—
—
± 0.5
—
LSB
ENOB
Fin = 1 MHz
—
7.2
—
bit
Wake-up time
From Shutdown
—
—
10
µs
From Standby
—
—
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com