Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  LP1072 Datasheet HTML 1Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 2Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 3Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 4Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 5Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 6Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 7Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 8Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LP1072 Advance Information, Rev. 0.3
2
Freescale Semiconductor
PRELIMINARY
Introduction
terminal manufacturers can tune the chip performance to get the exact balance they opt for when it comes
to power consumption and performance.
1.2
General Description
The high-performance LP1072 baseband processor integrates the IEEE 802.11a/b/g PHY and full MAC
functionality with the industry’s lowest power consumption compared to any baseband processor in the
market.
The LP1072 was designed to target embedded devices and small form factor WLAN devices. Its support
for SDIO and CompactFlash+ host interfaces combined with its ultra low power consumption and small
size make it the optimal solution for mobile devices. It has been designed with a generic RF interface that
lets it interface with virtually any RF components in the market. It has been fully tested to interface with
RF solutions from Maxim and Airoha, thus providing terminal manufacturers with added flexibility in
selecting the most appropriate RF parts based on their application and form factor.
The LP1072’s integrated ADC and DAC reduce the terminal manufacturers' bill of material and overall
system cost. The integrated internal memory eliminates the need for external MAC memory, further
reducing cost and saving valuable board space for small form factor devices.
The LP1072 also provides the highest level of WLAN security by fully supporting WPA and AES.
1.3
Features
Full compliance with 802.11a/b/g
Ultra low power consumption, maximizing battery life and minimizing heat dissipation
Ultra small package: 13.0 x 13.0 x 1.0 (max) mm
Fully embedded ARM7TDMI™ microprocessor for no load on the host processor, leading to
maximum flexibility in supporting different host platforms
Implementations of 802.11e Draft, for support of Quality of Service (QoS) real-time applications
Support for WPA and AES, for enhanced security
Automatic power management to reduce power consumption
On-chip ADC and DAC to reduce system BOM and save on board area
On-Chip PLL for clock generation
On-chip ROM/RAM eliminating the need for external MAC memory
Direct memory access (DMA) to reduce CPU utilization
High throughput achieved using DMA
Support of SDIO host interface
Support of CompactFlash host interface
Support of 16-bit SRAM emulation mode
Serial EEPROM interface for initialization and device booting
Eight General Purpose I/O (GPIO) pins for added flexibility
UART interface to support diagnostic tools and general data transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com