Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 12Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 13Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 14Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 15Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 16Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 17Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 18Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 19Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
LP1072 Advance Information, Rev. 0.3
16
Freescale Semiconductor
PRELIMINARY
Timers/Reset
5
Timers/Reset
The TCXO generates the 40MHz RFIC 800 mV clipped sine wave reference clock.
The TCXO output is converted to a digital signal via a clock squarer input pad circuit. The 40 MHz TCXO
reference is used to generate the 40 MHz IQDAC clock and the 20 MHz IQADC clock. The PLL
synthesizes a reference from the 40 MHz reference. The reference is then used to generate the BRC, ARM,
PAS and Symbol Processor clocks, the 44 MHz IQ DAC clock and the 22 MHz IQ ADC clock. When the
TCXO and PLL are powered down the only active clock source is the 32 kHz XTAL, a.k.a. the Slow Clock.
The TCXO, PLL and XTAL clock references all include bypass MUXes which allow the individual clock
reference to be driven by an external signal.
Figure 3 illustrates the high level clocking of the LP1072 with the associated pins.
Figure 3. LP1072 Clocks
5.1
System Clock
The LP1072 is clocked using an external crystal oscillator (XO) or a temperature compensated crystal
oscillator (TCXO) running at 40MHz with a frequency resolution of
± 20 ppm or better.
5.2
PLL Block
PLL Bypass
5.3
Low Frequency Clock
The LP1072 uses a low power 32 kHz crystal oscillator to maintain the timing during sleep.
TCXO
Clock
Control
Cuircuits
40 MHz
44 MHz
20 MHz
22 MHz
PLL
40 MHz
PLL_BYPAS
S
TCXO_BYPASS
TCXO_BYPASS_CLK
PLL_BYPASS_CLK
XTAL
32 kHz
XTAL_BYPASS
XTAL_BYPASS_CLK
88 MHz
32 kHz
ARM
AFE
Chip
Boundary
FAST_CLK_PWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com