Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1072 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 5Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 6Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 7Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 8Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 9Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 10Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 11Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 12Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Functional Description
LP1072 Advance Information, Rev. 0.3
Freescale Semiconductor
9
PRELIMINARY
3.4.3
RSSI ADC
RSSI ADC specifications are shown in Table 5.
3.4.4
Aux ADC
Aux ADC specifications are shown in Table 6.
Table 5. RSSI ADC Specifications
Parameter
Condition
Min
Typ
Max
Units
Resolution
—
—
6
—
bit
Maximum Sampling Frequency
—
10
—
6
MHz
Input Voltage Range
—
0
—
6
V
Latency
—
—
3
—
cycles
Integral Nonlinearity (INL)
—
—
±1.0
—
LSB
Differential Nonlinearity (DNL)
—
—
± 0.5
—
LSB
ENOB
Fin= 100 kHz
—
5.5
—
bit
Table 6. Aux ADC Specifications
Parameter
Condition
Min
Typ
Max
Units
Resolution
—
—
8
—
bit
Maximum Sampling Rate
—
1
—
—
MHz
Input Voltage Range
—
0
—
AVdd
V
Latency
—
—
9
—
cycles
Integral Nonlinearity (INL)
—
—
±1.0
—
LSB
Differential Nonlinearity (DNL)
—
—
± 0.5
—
LSB
ENOB
Fin= 100 kHz
—
7.2
—
bit
Channel-to-Channel mismatch
Gain
—
0.2
—
dB
Phase
—
0.5
—
Degree
Wake-up time
From Shutdown
—
—
10
µs
From Standby
—
—
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com